Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWR
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSC2007IPWR Datasheet HTML 11Page - Texas Instruments TSC2007IPWR Datasheet HTML 12Page - Texas Instruments TSC2007IPWR Datasheet HTML 13Page - Texas Instruments TSC2007IPWR Datasheet HTML 14Page - Texas Instruments TSC2007IPWR Datasheet HTML 15Page - Texas Instruments TSC2007IPWR Datasheet HTML 16Page - Texas Instruments TSC2007IPWR Datasheet HTML 17Page - Texas Instruments TSC2007IPWR Datasheet HTML 18Page - Texas Instruments TSC2007IPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
INTERNAL TEMPERATURE SENSOR
Converter
GND
V
DD
+IN
-
IN
DV +
kT
q @ ln(N)
(3)
T +
q @ DV
k @ ln(N)
(4)
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
In some applications, such as battery recharging, an ambient temperature measurement is required. The
temperature measurement technique used in the TSC2007 relies on the characteristics of a semiconductor
junction operating at a fixed current level. The forward diode voltage (VBE) has a well-defined characteristic
versus temperature. The ambient temperature can be predicted in applications by knowing the +25°C value of
the VBE voltage and then monitoring the delta of that voltage as the temperature changes.
The TSC2007 offers two modes of temperature measurement. The first mode requires calibration at a known
temperature, but only requires a single reading to predict the ambient temperature. The TEMP1 diode, shown in
Figure 22, is used during this measurement cycle. This voltage is typically 580mV at +25°C with a 10
µA current.
The absolute value of this diode voltage can vary by a few millivolts; the temperature coefficient (TC) of this
voltage is very consistent at –2.1mV/°C. During the final test of the end product, the diode voltage would be
stored at a known room temperature, in system memory, for calibration purposes by the user. The result is an
equivalent temperature measurement resolution of 0.35°C/LSB (1LSB = 732
µV with V
REF = 3.0V).
Figure 22. Functional Block Diagram of Temperature Measurement Mode
The second mode does not require a test temperature calibration, but uses a two-measurement (differential)
method to eliminate the need for absolute temperature calibration and for achieving 2°C/LSB accuracy. This
mode requires a second conversion of the voltage across the TEMP2 diode with a resistance 91 times larger
than the TEMP1 diode. The voltage difference between the first (TEMP1) and second (TEMP2) conversion is
represented by:
Where:
N = the resistance ratio = 91.
k = Boltzmann's constant = 1.3807 × 10–23 J/K (joules/kelvins).
q = the electron charge = 1.6022 × 10–19 C (coulombs).
T = the temperature in kelvins (K).
This method can provide a much improved absolute temperature measurement, but a lower resolution of
1.6°C/LSB. The resulting equation to solve for T is:
Where:
ΔV = VBE (TEMP2) – VBE(TEMP1) (in mV)
∴ T = 2.573 ⋅ ΔV (in K)
or T = 2.573
⋅ ΔV – 273 (in °C)
Temperature 1 and temperature 2 measurements have the same timing as the other data acquisition cycles
shown in Figure 33 and Figure 34.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com