Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWG4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWG4
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2007IPWG4 Datasheet HTML 17Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 18Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 19Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 20Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 21Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 22Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 23Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 24Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
I
2C INTERFACE
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
The TSC2007 supports the I2C serial bus and data transmission protocol in all three defined modes: standard,
fast, and high-speed. A device that sends data onto the bus is defined as a transmitter, and a device receiving
data as a receiver. The device that controls the message is called a master. The devices that are controlled by
the master are slaves. The bus must be controlled by a master device that generates the serial clock (SCL),
controls the bus access, and generates the START and STOP conditions. The TSC2007 operates as a slave on
the I2C bus. Connections to the bus are made via the open-drain I/O lines, SDA and SCL.
The following bus protocol has been defined (see Figure 29):
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data
line while the clock line is HIGH will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy — Both data and clock lines remain HIGH.
Start Data Transfer — A change in the state of the data line, from HIGH to LOW, while the clock is HIGH,
defines a START condition.
Stop Data Transfer — A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH,
defines the STOP condition.
Data Valid — The state of the data line represents valid data, when, after a START condition, the data line is
stable for the duration of the HIGH period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number
of data bytes transferred between START and STOP conditions is not limited and is determined by the
master device. The information is transferred byte-wise and each receiver acknowledges with a ninth-bit.
Within the I2C bus specifications, a standard mode (100kHz clock rate), a fast mode (400kHz clock rate),
and a high-speed mode (1.7MHz or 3.4MHz clock rate) are each defined. The TSC2007 works in all three
modes.
Acknowledge — Each receiving device, when addressed, is obliged to generate an acknowledge after the
reception of each byte. The master device must generate an extra clock pulse that is associated with this
acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH period of the acknowledge clock pulse. Of course,
setup and hold times must be taken into account. A master must signal an end of data to the slave by not
generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case, the
slave must leave the data line HIGH to enable the master to generate the STOP condition.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com