Electronic Components Datasheet Search
  English  ▼

X  

TSC2007IPWG4 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2007IPWG4
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWG4 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSC2007IPWG4 Datasheet HTML 29Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 30Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 31Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 32Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 33Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 34Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 35Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 36Page - Texas Instruments TSC2007IPWG4 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
TSC2007
www.ti.com...................................................................................................................................................... SBAS405A – MARCH 2007 – REVISED MARCH 2009
Revision History
Changes from Original (March 2007) to Revision A ....................................................................................................... Page
• Added IEC discharge information to Absolute Maximum Ratings table ................................................................................ 2
• Added Power On/Off Slope Requirements section to Electrical Characteristics................................................................... 4
• Added pin 1 identifier to YZG pinout drawing........................................................................................................................ 5
• Changed t
OF to tF in Timing Requirements tables.................................................................................................................. 6
• Changed Fall time for both SDA and SCL signals from 10 (min) and 80 (max) to 20 (min) and 160 (max) in Timing
Requirements table for High-Speed mode ............................................................................................................................ 7
• Changed resistance ratio from 80 to 91 in the Internal Temperature Sensor section......................................................... 15
• Changed T result from 2.648 to 2.573 (because of change to resistance ratio) ................................................................. 15
• Added text to clarify temperature 1 and 2 measurement timings in last sentence on page................................................ 15
• Changed text in Reference mode to clarify singled-ended operation.................................................................................. 17
• Changed Figure 27 caption text from PINTDAV to PENIRQ............................................................................................... 19
• Added "patent pending" to Figure 28................................................................................................................................... 20
• Added subsections to Throughput Rate and I2C Bus Traffic section to clarify 8- and 12-bit operation.............................. 28
• Added Power-On Reset section .......................................................................................................................................... 31
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TSC2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com