Electronic Components Datasheet Search
  English  ▼

X  

USBN9602 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9602
Description  USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9602 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button USBN9602 Datasheet HTML 35Page - National Semiconductor (TI) USBN9602 Datasheet HTML 36Page - National Semiconductor (TI) USBN9602 Datasheet HTML 37Page - National Semiconductor (TI) USBN9602 Datasheet HTML 38Page - National Semiconductor (TI) USBN9602 Datasheet HTML 39Page - National Semiconductor (TI) USBN9602 Datasheet HTML 40Page - National Semiconductor (TI) USBN9602 Datasheet HTML 41Page - National Semiconductor (TI) USBN9602 Datasheet HTML 42Page - National Semiconductor (TI) USBN9602 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39
www.national.com
14.0 Electrical Characteristics (Continued)
14.1 Parallel Interface Timing (MODE[1:0] = 00b)
INTERFACE TIMING (MODE = 0) (4.5V< VCC < 5.5V, 0°C < TA< +70°C, unless otherwise specified)
Symbol
Parameter
Condition
Min
Typ
Max
Units
tCS
Chip Select Setup Time
CL 50pF
0
nS
tCH
Chip Select Hold Time
CL 50pF
5
nS
tAS
Address Setup Time
CL 50pF
0
nS
tAH
Address Hold Time
CL 50pF
0
nS
tRW
Read Pulse Width 1
1. Clock Input: CKI = 48MHz on this device.
CL 50pF
1/CKI
nS
tRC
Read Cycle Time 2, 3
2. Memory Clock: MCLK = CKI/4 = 12 MHz.
3. Time until next Read or Write occurs.
CL 50pF
3/MCLK
nS
tRDV
Data output Valid after Read Low
CL 50pF
20
30
nS
tRDZ
Data output Hold after Read High
CL 50pF
0
8
nS
tWW
Write Pulse Width 1
CL 50pF
1/CKI
nS
tWC
Write Cycle Time 2,3
CL 50pF
3/MCLK
nS
tDS
Data input Setup Time
CL 50pF
25
nS
tDH
Data input Hold Time
CL 50pF
5
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com