Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2976 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F2976 Datasheet HTML 16Page - Integrated Device Technology F2976 Datasheet HTML 17Page - Integrated Device Technology F2976 Datasheet HTML 18Page - Integrated Device Technology F2976 Datasheet HTML 19Page - Integrated Device Technology F2976 Datasheet HTML 20Page - Integrated Device Technology F2976 Datasheet HTML 21Page - Integrated Device Technology F2976 Datasheet HTML 22Page - Integrated Device Technology F2976 Datasheet HTML 23Page - Integrated Device Technology F2976 Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
21
Rev O April 19, 2017
Package Drawings
Figure 33. Package Outline Drawing NEG12 PSC-4642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com