Electronic Components Datasheet Search
  English  ▼

X  

DS4301 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS4301
Description  Nonvolatile, 32-Position Digital Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4301 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS4301 Datasheet HTML 1Page - Dallas Semiconductor DS4301 Datasheet HTML 2Page - Dallas Semiconductor DS4301 Datasheet HTML 3Page - Dallas Semiconductor DS4301 Datasheet HTML 4Page - Dallas Semiconductor DS4301 Datasheet HTML 5Page - Dallas Semiconductor DS4301 Datasheet HTML 6Page - Dallas Semiconductor DS4301 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nonvolatile, 32-Position Digital Potentiometer
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATION CONDITIONS
(VCC = VCC MIN to VCC MAX; TA = -40°C to +85°C, unless otherwise specified.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.5V to +6.0V
Voltage Range on CS, INC, U/D, L, W, H Pins
Relative to Ground*.....................................-0.5V to VCC + 0.5V
Wiper Current .....................................................................±3mA
Operating Temperature Range ...........................-40°C to +85°C
Programming Temperature.....................................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
*Not to exceed 6.0V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.4
+5.5
V
Input Logic 1 (CS, INC, U/D)VIH
0.7 x VCC
VCC + 0.3
V
Input Logic 0 (CS, INC, U/D)VIL
-0.3
+0.3 x VCC
V
Resistor Inputs
L, H, W
-0.3
VCC + 0.3
V
Wiper Current
IW
-1
+1
mA
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC MIN to VCC MAX; TA = -40°C to +85°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
IL
-1
+1
µA
3V
30
60
Standby Current (Note 2)
ISTBY
5V
15
60
µA
Digital Input Capacitance
CI/O
10
pF
ANALOG RESISTOR CHARACTERISTICS
(VCC = VCC MIN to VCC MAX; TA = -40°C to +85°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
End-to-End Resistor Tolerance
TA = +25°C
-20
+20
%
Wiper Resistance
RW
500
2000
Ω
Absolute Linearity
(Note 3)
-0.5
+0.5
LSB
Relative Linearity
(Note 4)
-0.25
+0.25
LSB
End-to-End Temp Coefficient
-250
+250
ppm/°C
Ratiometric Temp Coefficient
7
ppm/°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com