Electronic Components Datasheet Search
  English  ▼

X  

DS4301 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS4301
Description  Nonvolatile, 32-Position Digital Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4301 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS4301 Datasheet HTML 1Page - Dallas Semiconductor DS4301 Datasheet HTML 2Page - Dallas Semiconductor DS4301 Datasheet HTML 3Page - Dallas Semiconductor DS4301 Datasheet HTML 4Page - Dallas Semiconductor DS4301 Datasheet HTML 5Page - Dallas Semiconductor DS4301 Datasheet HTML 6Page - Dallas Semiconductor DS4301 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Nonvolatile, 32-Position Digital Potentiometer
_____________________________________________________________________
3
Note 1:
All voltages are referenced to ground.
Note 2:
STBY specified for VCC equal to 3.0V and 5.0V while control port logic pins are driven to VCC or GND.
Note 3:
Absolute linearity is used to determine wiper voltage versus expected voltage as determined by wiper position.
Note 4:
Relative linearity is used to determine the change of wiper voltage between two adjacent wiper positions.
Note 5:
The INC low to CS inactive time is the transition time that allows the three control pins to become inactive without writing
the wiper position to the EEPROM.
Note 6:
Wiper storage time is the time required for the wiper position to be written to the EEPROM. During this time, the three-ter-
minal interface is inactive.
Note 7:
Wiper load time is specified as the time required to load the wiper position stored in EEPROM once VCC has reached a
stable operating voltage greater than or equal to VCC MIN.
Note 8:
Power-up time is specified as the time required before the three control pins become active once a stable power supply
level of at least VCC MIN has been reached.
Note 9:
The maximum number of EEPROM write cycles is guaranteed by design and is not tested in production.
AC ELECTRICAL CHARACTERISTICCS
(VCC = VCC MIN to VCC MAX; TA = -40°C to +85°C. See Figure 2 for timing diagram.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS to INC Setup
tCI
50
ns
U/D to INC Setup
tDI
100
ns
INC Low Period
tIL
50
ns
INC High Period
tIH
100
ns
INC Inactive to CS Inactive
tIC
500
ns
CS Deselect Time
tCPH
100
ns
Wiper Change to INC Low
tIW
200
ns
INC Rise and Fall Times
tR, tF
5µs
INC Low to CS Inactive
tIK
(Note 5)
50
ns
Wiper Storage Time
tWST
(Note 6)
10
ms
CS Low Pulse
tCLP
100
ns
Wiper Load Time
tWLT
(Note 7)
500
µs
Power-Up Time
tPU
(Note 8)
2
ms
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = VCC MIN to VCC MAX)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Cycles
+70°C (Note 9)
50,000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com