Electronic Components Datasheet Search
  English  ▼

X  

DS8627 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8627
Description  130/225 MHz Low Power Prescalers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8627 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8627 Datasheet HTML 1Page - National Semiconductor (TI) DS8627 Datasheet HTML 2Page - National Semiconductor (TI) DS8627 Datasheet HTML 3Page - National Semiconductor (TI) DS8627 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5009
June 1986
DS8627DS8628 130225 MHz Low Power Prescalers
General Description
The DS8627 and DS8628 are low power fixed ratio prescal-
ers which divide by 24 and 20 respectively The inputs can
be driven either single or double-ended and they are buff-
ered providing 40100 mVrms input sensitivity The output
provided is open-collector and is capable of interfacing with
TTL and CMOS
The device can be used in phase-locked loop applications
such as FM radio or other communications bands to pre-
scale the input frequency down to a more usable level A
digital frequency display system can also be derived
separately or in conjunction with a phase-locked loop and it
can extend the useful range of many inexpensive frequency
counters to 225 MHz
Features
Y
Input frequency 130 MHz (-4 -3) 225 mHz (-2 std)
Y
Low power 10 mA (-4 -2) 7 mA (-3 std)
Y
Input sensitivity 100 mVrms (-4 -3) 40 mVrms (-2 std)
Logic and Connection Diagrams
DS8627 (d 24)
TLF5009 – 1
DS8628 (d 20)
TLF5009 – 2
Dual-In-Line Package
TLF5009 – 3
Top View
Order Number DS8627N or DS8628N (-4 -3 -2)
See NS Package Number N08E
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DS8627

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
DS8629N NSC-DS8629N Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
More results

Similar Description - DS8627

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
11C90 NSC-11C90 Datasheet
156Kb / 10P
650 MHz Prescalers
DS8673 NSC-DS8673 Datasheet
97Kb / 4P
Low Power VHF/UHF Prescalers
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
logo
List of Unclassifed Man...
XE1218 ETC1-XE1218 Datasheet
110Kb / 9P
FM 130 - 230 MHz LOW-POWER VHF RECEIVER
logo
NEC
UPB553AC NEC-UPB553AC Datasheet
201Kb / 4P
150 MHz DIVIDE-BY-16/17 LOW POWER PRESCALERS
logo
RF Monolithics, Inc
SF2244A RFM-SF2244A Datasheet
320Kb / 5P
225 MHz SAW Filter
logo
Analog Devices
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
Low Cost 225 MHz
REV. B
logo
TriQuint Semiconductor
855844 TRIQUINT-855844_15 Datasheet
475Kb / 5P
225 MHz SAW Filter
logo
National Semiconductor ...
DS8615 NSC-DS8615 Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com