Electronic Components Datasheet Search
  English  ▼

X  

DS8627 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8627
Description  130/225 MHz Low Power Prescalers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8627 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8627 Datasheet HTML 1Page - National Semiconductor (TI) DS8627 Datasheet HTML 2Page - National Semiconductor (TI) DS8627 Datasheet HTML 3Page - National Semiconductor (TI) DS8627 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC Supply Voltage
7V
VIN Input Voltage
k
VCC
Open-Collector Output Voltage
7V
Operating Free Air Temperature Range
b
30 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Recommended Operating Conditions
DS8627-4
DS8627-3
DS8627-2
DS8627
Symbol
Parameter
Conditions
DS8628-4
DS8628-3
DS8628-2
DS8628
Units
Min
Max
Min
Max
Min
Max
Min
Max
VCC
Supply Voltage
45
55
45
55
45
55
45
55
V
fMAX
Toggle Frequency
VIN e 100 mVrms
20
130
20
130
20
225
20
225
MHz
VIN
Input Signal Amplitude
100
300
100
300
40
300
40
300
mVrms
VSLW
Slew Rate
20
20
20
20
V ms
IOL
Low Level Output Current
3
3
3
mA
DC Electrical Characteristics (Notes 2 and 3)
DS8627-4
DS8627-3
DS8627-2
DS8627
Symbol
Parameter
Conditions
DS8628-4
DS8628-3
DS8628-2
DS8628
Units
Min
Max
Min
Max
Min
Max
Min
Max
ICEX
Open-Collector High Level Output
Output e 55V
100
100
100
100
m
A
VOL
Low Level Output Voltage
VCC e 45V
04
04
04
04
V
IOL e 3mA
ICC
Supply Current
VCC e 55V
10
7
10
7
mA
AC Electrical Characteristics VCC e 5V g10% TA eb30 Cto a70 C
Symbol
Parameter
Conditions
Min
Max
Units
RIN
AC Input Resistance
VIN e 100 MHz and 50 mVrms
10
kX
CIN
Input Capacitance
3
10
pF
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b30 Cto a70 C temperature range
Note 3
All currents into device pins are shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values
shown as max or min on absolute value basis
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com