Electronic Components Datasheet Search
  English  ▼

X  

EP9307 Datasheet(PDF) 13 Page - Cirrus Logic

Part # EP9307
Description  ARM9 SOC WITH ETHERNET USB DISPLAY AND TOUCHSCREEN
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9307 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button EP9307 Datasheet HTML 9Page - Cirrus Logic EP9307 Datasheet HTML 10Page - Cirrus Logic EP9307 Datasheet HTML 11Page - Cirrus Logic EP9307 Datasheet HTML 12Page - Cirrus Logic EP9307 Datasheet HTML 13Page - Cirrus Logic EP9307 Datasheet HTML 14Page - Cirrus Logic EP9307 Datasheet HTML 15Page - Cirrus Logic EP9307 Datasheet HTML 16Page - Cirrus Logic EP9307 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DS667PP3
©Copyright 2004 Cirrus Logic (All Rights Reserved)
13
EP9307
ARM9 SOC with Ethernet, USB, Display and Touchscreen
DC Characteristics
Note:
4. For open drain pins, high level output voltage is dependent on the external load.
5. All inputs that do not include internal pull-ups or pull-downs, must be externally driven for proper operation (See Table S on
page 44). If an input is not driven, it should be tied to power or ground, depending on the particular function. If an I/O pin is not
driven and programmed as an input, it should be tied to power or ground through its own resistor.
(TA = 0 to 70° C; CVDD = VDD_PLL = 1.8; RVDD = 3.3 V;
All grounds = 0 V; all voltages with respect to 0 V unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
High level output voltage
Iout = -4 mA
(Note 4)
Voh
0.85
× RVDD
-
V
Low level output voltage
Iout = 4 mA
Vol
-0.15
× RVDD
V
High level input voltage
(Note 5)
Vih
0.65
× RVDD
VDD + 0.3
V
Low level input voltage
(Note 5)
Vil
−0.3
0.35
× RVDD
V
High level leakage current
Vin = 3.3 V
(Note 5)
Iih
-10
µA
Low level leakage current
Vin = 0
(Note 5)
Iil
-
-10
µA
Parameter
Min
Typ
Max
Unit
Power Supply Pins (Outputs Unloaded)
Power Supply Current:
CVDD/VDD_PLL Total
RVDD
-
-
200
20
-
-
mA
mA
Low-Power Mode Supply Current
CVDD/VDD_PLL Total
RVDD
-
-
2.5
1.0
-
-
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com