Electronic Components Datasheet Search
  English  ▼

X  

EP9307 Datasheet(PDF) 21 Page - Cirrus Logic

Part # EP9307
Description  ARM9 SOC WITH ETHERNET USB DISPLAY AND TOUCHSCREEN
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9307 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button EP9307 Datasheet HTML 17Page - Cirrus Logic EP9307 Datasheet HTML 18Page - Cirrus Logic EP9307 Datasheet HTML 19Page - Cirrus Logic EP9307 Datasheet HTML 20Page - Cirrus Logic EP9307 Datasheet HTML 21Page - Cirrus Logic EP9307 Datasheet HTML 22Page - Cirrus Logic EP9307 Datasheet HTML 23Page - Cirrus Logic EP9307 Datasheet HTML 24Page - Cirrus Logic EP9307 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
DS667PP3
©Copyright 2004 Cirrus Logic (All Rights Reserved)
21
EP9307
ARM9 SOC with Ethernet, USB, Display and Touchscreen
Static Memory 32-bit Read on 8-bit External Bus
Parameter
Symbol
Min
Typ
Max
Unit
AD setup to RDn assert time
tADs
-
tHCLK
-ns
RDn assert to Address 1 transition time
tAD1
-
tHCLK × (WST1 + 1)
-ns
Address 2 assert time
tAD2
-
tHCLK × (WST1 + 1)
-ns
Address 3 assert time
tAD3
-
tHCLK × (WST1 + 1)
-ns
AD transition to RDn deassert time
tAD4
-
tHCLK × (WST1 + 2)
-ns
AD hold from RDn deassert time
tADh
-
tHCLK × 2
-ns
RDn assert time
tRDpwL
-
tHCLK × (4 × WST1 + 5)
-ns
CSn assert to RDn assert delay time
tRDd
-0
-
ns
CSn deassert to RDn deassert delay time
tRDh
-0
-
ns
CSn assert to DQMn assert delay time
tDQMd
-0
-
ns
CSn deassert to DQMn deassert delay time
tDQMh
-0
-
ns
DA setup to AD transition time
tDAs1
-6
-
ns
DA to RDn setup time
tDAs2
-
tHCLK + 6
-ns
AD transition to DA transition hold time
tDAh1
-0
-
ns
RDn deassert to DA transition hold time
tDAh2
-0
-
ns
Figure 8. Static Memory Multiple Word Read 8 Bit Cycle Timing Measurement
CSn
WRn
RDn
DA
AD
DQMn
t
AD 1
t
AD2
t
AD 3
t
DAs1
t
DQMh
t
RDh
t
DAh1
t
DAh
1
t
DAh1
t
DAs 1
t
DAs1
WAIT
t
RDd
t
DQMd
t
AD s
t
RD PwL
t
ADh
t
AD 4
t
DAs2
t
DAh2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com