Electronic Components Datasheet Search
  English  ▼

X  

MAP3232 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MAP3232
Description  Dual Channel Switch Mode OperatingLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3232 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MAP3232 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Confidential
Datasheet Version 1.0
November
2012
Page 2
Pin Configuration
1
2
3
4
5
6
7
24
23
22
21
20
19
18
8
17
9
16
10
15
11
14
12
13
Pin Description
PIN NO
Description
1
VCC
Power Supply Input
2
EN
Enable
3
VDD
Internal Regulator Output for Gate Drive
4
LUVP
Input Line Voltage Sense
5
ISEN1
Ch#1 LED Current Sense connected to Error Amp. Inverting Input
6
PDIMO1
Ch#1 Dimming PWM Gate Driver Output
7
COMP1
Ch#1 Error Amp. Compensation
8
OVP1
Ch#1 Over voltage protection
9
GATE1
Ch#1 Gate drive Output for Boost Convert
10
CS1
Ch#1 Current sense of the Boost Convert
11
PDIMI1
Ch#1 Dimming PWM Gate Driver Input
12
PGND
Power GND
13
PDIMI2
Ch#2 Dimming PWM Gate Driver Input
14
CS2
Ch#2 Current sense of the Boost Convert
15
GATE2
Ch#2 Gate drive Output for Boost Convert
16
OVP2
Ch#2 Over voltage protection
17
COMP2
Ch#2 Error Amp. Compensation
18
PDIMO2
Ch#2 Dimming PWM Gate Driver Output
19
ISEN2
Ch#2 LED Current Sense connected to Error Amp. Inverting Input
20
PGOOD
Power Good Indication
(Open-Drain status output, Normal : Open, Protection : Internal GND)
21
RT/CT
Oscillator frequency setting
22
VREF
Reference voltage
23
ADIM
Analog Dimming for Ch#1 and Ch#2
24
SGND
Signal GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com