Electronic Components Datasheet Search
  English  ▼

X  

MAP3232 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MAP3232
Description  Dual Channel Switch Mode OperatingLED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3232 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MAP3232 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3232 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Confidential
Datasheet Version 1.0
November
2012
Page 3
Functional Block Diagram
+
CS_COMP
-
+
ERR_AMP
-
ADIM
3R
R
S
Q
R
Qb
CLK
PG
DRV
DRV
PG
PRT2
PWMD2
LEB
CLK
SCP(ADIM*4)
OR
OVP(3V/2.7V)
AR
1ms
+
CS_COMP
-
+
ERR_AMP
-
3R
R
S
Q
R
Qb
CLK
PG
DRV
DRV
PG
SBD_PRT
(0.1V/0.05V)
OR
LUVP_PRT
(2V/1.8V)
PRT1
PWMD1
LEB
CLK
SCP(ADIM*4)
OR
OVP(3V/2.7V)
AR
1ms
SBD_PRT
(0.1V/0.05V)
OR
LUVP_PRT
(2V/1.8V)
LUVP
LUVP
LUVP
+
-
1.25R
ISEN1
3R
-
+
ISEN2
Timer
Q
S
Qb
R
PRT1
PG
CLK
CLK
ADIM
ADIM
Comparator
ADIM
Comparator
Q
S
Qb
R
PRT2
PG
Enable
Bandgap
Reference
L
O
A
D
Current
Reference
Voltage
Reference
VLDO
UVLO
VBGR
VLDO
TSD
PG
VCC
VDD
OSC
CLK
POR
PG
VBGR
VCC
VREF
Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com