Electronic Components Datasheet Search
  English  ▼

X  

DRA710 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRA710
Description  Infotainment Applications Processor
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA710 Datasheet(HTML) 2 Page - Texas Instruments

  DRA710 Datasheet HTML 1Page - Texas Instruments DRA710 Datasheet HTML 2Page - Texas Instruments DRA710 Datasheet HTML 3Page - Texas Instruments DRA710 Datasheet HTML 4Page - Texas Instruments DRA710 Datasheet HTML 5Page - Texas Instruments DRA710 Datasheet HTML 6Page - Texas Instruments DRA710 Datasheet HTML 7Page - Texas Instruments DRA710 Datasheet HTML 8Page - Texas Instruments DRA710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 440 page
background image
2
DRA710, DRA712
DRA714, DRA716, DRA718
SPRS960B – JUNE 2016 – REVISED FEBRUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA710 DRA712 DRA714 DRA716 DRA718
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
•
Human-Machine Interface (HMI)
•
Navigation
•
Digital and Analog Radio
•
Multimedia Playback
•
Automotive Display Audio Systems
•
Automotive Entry Navigation and Multimedia
Systems
•
Automotive Digital Cluster Systems
1.3
Description
The DRA71x processor is offered in a 538-ball, 17×17-mm, 0.65-mm ball pitch (0.8mm spacing rules can
be used on signals) with Via Channel™ Array (VCA) technology, ball grid array (BGA) package.
The architecture is designed to deliver high-performance concurrencies for automotive applications in a
cost-effective solution, providing full scalability from the DRA75x ("Jacinto 6 EP" and "Jacinto 6 Ex"),
DRA74x "Jacinto 6" and DRA72x "Jacinto 6 Eco" family of infotainment processors, including graphics,
voice, HMI, multimedia and smartphone projection mode capabilities.
Programmability is provided by a single-core ARM Cortex-A15 RISC CPU with Neon™ extensions and a
TI C66x VLIW floating-point DSP core. The ARM processor lets developers keep control functions
separate from other algorithms programmed on the DSP and coprocessors, thus reducing the complexity
of the system software.
Additionally, TI provides a complete set of development tools for the ARM, and DSP, including C
compilers and a debugging interface for visibility into source code execution.
The DRA71x Jacinto 6 Entry processor family is qualified according to the AEC-Q100 standard.
The device features a simplified power supply rail mapping which enables lower cost PMIC solutions.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
DRA71x
FCBGA (538)
17.0 mm × 17.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com