Electronic Components Datasheet Search
  English  ▼

X  

HEC50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HEC50
Description   SINGLE OUTPUT UP TO 15A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HEC50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HEC50 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEC50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input to Case
Output to Case
1600 VDC, min.
1000 VDC, min.
1000 VDC, min.
Isolation resistance
10
7
ohms, min
Isolation capacitance
2500 pF, max
Switching frequency
300 KHz, typ
Approvals and standard (Note 5)
IEC60950, UL60950, EN60950
Case material
Open with Aluminum base-plate
Weight
50g (1.76 oz)
MTBF
Bellcore TR-NWT-000332, Tc=40
, Io=80%, max.
3 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating base-plate temperature range (Note 6)
-40ºC to +100ºC
Over temperature protection
110ºC
Humidity max, Non-condensing
95%
Storage temperature range
-55ºC to +125ºC
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 2G, 3minutes period, 30minutes along X,Y and Z
EMC CHARACTERISTICS
Conducted emissions
EN55022 (Note 7)
EN55022 (Note 7)
Level A
Level B
Radiated emissions
EN55022
Level A
ESD
Radiated immunity
Fast transient
Surge
Conducted immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
Perf. Criteria2
Perf. Criteria2
Perf. Criteria2
Perf. Criteria2
Perf. Criteria2
OUTPUT SPECIFICATIONS
Output power
50 Watts max
Voltage accuracy
Full load and nominal Vin
± 1.5%
Voltage adjustability (Note 1)
+ 10% , -20%
Minimum load
0%
Line regulation
LL to HL at FL
See table
Load regulation
0% to 100% FL
See table
Remote sense (Note 1)
10% of Vout
Ripple and noise(Note 2) 20MHz bandwidth
100mVp-p
Temperature coefficient
I0.02% / ºC, max
Transient response
recovery time
25% load step change
200uS
Over voltage protection threshold (Hiccup)
115% ~ 130% of Vout
Over current protection threshold
110% ~ 140% of Iout Rated
Short circuit protection
Hiccup, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
24V input
48V input
18 – 36VDC
36 – 75VDC
UVLO start-up voltage
24V input
48V input
17V typ.
34V typ.
UVLO shuntdown voltage
24V input
48V input
15V typ.
32V typ.
Input filter (Note 3)
L-C type
Input voltage variation
dv/dt
5V/ms,max
(Complies with ETS300 132 part 4.4)
Input surge voltage 100mS max
24V input
48V input
50VDC
100VDC
Start up time
Nominal Vin and constant
resistive load
25mS typ.
Input reflected-ripple current
(5Hz to 20 MHz, 12uH source impedance)
24V input
48V input
50mAp-p
20mAp-p
Remote ON/OFF(Note 4)
(Positive logic)
(Negative logic)
ON=Open or 3.5V < Vr < 15V,
IIN=50
 max.
OFF=Short or 0V < Vr < 1.2V,
IIN=1m
 max.
ON=Short or 0V < Vr < 1.2V,
IIN=1m
 max.
OFF=Open or 3.5V < Vr < 15V,
IIN=50
 max.
• SINGLE OUTPUT UP TO 15A
• INDUSTRY STANDARD FOOTPRINT
• ADJUSTABLE OUTPUT VOLTAGE
• NO MINIMUM LOAD
• UNDER-VOLTAGE LOCKOUT
• HIGH EFFICIENCY UP TO 91%
• COMPACT 2.40 X 2.28 X 0.50 INCH PACKAGE
• FIXED SWITCHING FREQUENCY
• HALT TESTED
HEC50-S single output DC/DC converters provide up to 50 watts of output power in an
industry standard half-brick package and footprint. These units are specifically
designed to meet the power needs of low-voltage silicon. All models feature a wide
input range, trimmable output voltage and a 15A current rating. Remote sense and
remote on/off facilities are included as standard, and the converters are
comprehensively protected against over-current, over-voltage and over-temperature
conditions. The HEC50 converters are especially suited to telecom, networking and
industrial application.
T E CH NI C A L SP ECI F IC A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
UL
E193009
TUV R50020744
CB
JPTUV-5363
CE MARK


Similar Part No. - HEC50

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC50 P-DUKE-HEC50 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
HEC50-24S05 P-DUKE-HEC50-24S05 Datasheet
334Kb / 3P
50 WATTS MAXIMUM OUTPUT POWER
HEC50-24S05 P-DUKE-HEC50-24S05 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
HEC50-24S15 P-DUKE-HEC50-24S15 Datasheet
334Kb / 3P
50 WATTS MAXIMUM OUTPUT POWER
HEC50-24S15 P-DUKE-HEC50-24S15 Datasheet
431Kb / 3P
50 WATTS DC-DC CONVERTER
More results

Similar Description - HEC50

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
Load capacity of up to 15A
logo
DB Lectro Inc
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
logo
PREMO CORPORATION S.L
CS-050 PREMO-CS-050 Datasheet
180Kb / 1P
SMD Current Transformer Up to 15A
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
PTH SMPS Current Transformer Up to 15A
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
PTH SMPS Current Transformer Up to 15A
logo
Lineage Power Corporati...
JQW013A0AZ LINEAGEPOWER-JQW013A0AZ Datasheet
287Kb / 15P
36 to 75 Vdc Input; Single Output up to 25A
logo
Ericsson
PKG4428PI ERICSSON-PKG4428PI Datasheet
1Mb / 20P
DC/DC converter Input 36-72 Vdc Output up to 15A/60W
logo
List of Unclassifed Man...
9171 ETC2-9171 Datasheet
2Mb / 6P
Single and dual output models with up to 210W output power
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
Up to 15 Watts DC/DC Converter Single Output
DCHB500 WALL-DCHB500 Datasheet
533Kb / 6P
Up to 500W DC/DC Power Module Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com