Electronic Components Datasheet Search
  English  ▼

X  

HEC50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HEC50
Description   SINGLE OUTPUT UP TO 15A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HEC50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HEC50 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEC50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Line
regulation
Load
regulation
Input
Current(8)
Eff
(9)
(%)
HEC50-24S1P8
18 – 36 VDC
1.8 VDC
15 A
4 mV
6 mV
1.36 A
86
HEC50-24S2P5
18 – 36 VDC
2.5 VDC
15 A
5 mV
8 mV
1.86 A
87
HEC50-24S3P3
18 – 36 VDC
3.3 VDC
15 A
7 mV
10 mV
2.40 A
89
HEC50-24S05
18 – 36 VDC
5 VDC
10 A
10 mV
15 mV
2.40 A
90
HEC50-24S15
18 – 36 VDC
15 VDC
3.3 A
30 mV
45 mV
2.40 A
89
HEC50-48S1P8
36 – 75 VDC
1.8 VDC
15 A
4 mV
6 mV
0.67 A
87
HEC50-48S2P5
36 – 75 VDC
2.5 VDC
15 A
5 mV
8 mV
0.92 A
89
HEC50-48S3P3
36 – 75 VDC
3.3 VDC
15 A
7 mV
10 mV
1.19 A
90
HEC50-48S05
36 – 75 VDC
5 VDC
10 A
10 mV
15 mV
1.19 A
91
HEC50-48S15
36 – 75 VDC
15 VDC
3.3 A
30 mV
45 mV
1.20 A
90
PRODUCT OPTIONS TABLE
Option
Suffix
Negative remote ON/OFF logic, 0.20” pin length (standard)
-
Negative remote ON/OFF logic, 0.145” pin length
-L
Negative remote ON/OFF logic, 0.11” pin length
-K
Positive remote ON/OFF logic, 0.20” pin length
-P
Positive remote ON/OFF logic, 0.145” pin length
-S
Positive remote ON/OFF logic, 0.11” pin length
-M
Note
1.
Maximum output deviation is 10% inclusive of remote sense. If remote sense is not being used, the +V sense should be connected to its corresponding
+OUTPUT and likewise the –sense should be connected to its corresponding –OUTPUT.
2.
Measured with a 1uF M/C and a 10uF T/C.
3.
An external filter capacitor is required for normal operation. The capacitor should be capable of handing 1A ripple current for 48V/24V models. Power
mate suggest: Nippon chemi-con KMF series, 220 F/100V, ESR 90m .
4.
The negative/ positive logic and pin length are optional ( see table ). The pin voltage is referenced to negative input.
5.
24V input models safety approval pending.
6.
Heat sink is optional and P/N: 7G-0021, 7G-0022, 7G-0023, 7G-0024.
7.
The HEC50 meets level A and level B conducted emissions only with external components connected before the input pin to the converter.
8.
Maximum value at nominal input voltage and full load.
9.
Typical value at nominal input voltage and full load.
10.
BASEPLATE GROUNDING
Base-plate should be grounded at one of the four screw bolts prior to operation.
11.
The converter is provided by basic insulation.
PIN
Define
1
- INPUT
2
CASE
3
CTRL
4
+ INPUT
5
- OUTPUT
6
- SENSE
Diameter
0.04 Inches
0.04 Inches
0.04 Inches
0.04 Inches
0.08 Inches
0.04 Inches
7
TRIM
0.04 Inches
8
+ SENSE
0.04 Inches
9
+ OUTPUT
0.08 Inches
PIN CONNECTION
7
8
TRIM UP
6
7
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
EXTERNAL OUTPUT TRIMMING
RU
RD
Example



HEC50-48S3P3-P
( Note 10 )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com