Electronic Components Datasheet Search
  English  ▼

X  

AS4C4M16S Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS4C4M16S
Description  Fully synchronous operation
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16S Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
A8
A7
Test Mode
0
0
Normal
1
0
Vendor Use Only
0
1
Vendor Use Only
A3
Burst Type
0
Sequential
1
Interleave
A2
A1
A0
Burst Length
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
8
1
1
1
Full Page (Sequential)
All other Reserved
FEBRUARY 2011
AS4C4M16S
Table 5. Mode Register Bitmap
BA0,1
A11,A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RFU*
RFU*
WBL
Test Mode
CAS# Latency
BT
Burst Length
A9
Write Burst Length
0
Burst
1
Single Bit
A6
A5
A4
CAS# Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2 clocks
0
1
1
3 clocks
1
0
1
Reserved
All other Reserved
*Note: RFU (Reserved for future use)
should stay “0” during MRS cycle.
CLK
CKE
CS#
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
tMRD
RAS#
CAS#
WE#
BA0,1
A10
A0-A9,
A11
Address Key
DQM
DQ
Hi-Z
tRP
PrechargeAll
Mode Register
Set Command
Any
Command
Don’t Care
Figure 15. Mode Register Set Cycle
12
Rev2.0 May 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com