Electronic Components Datasheet Search
  English  ▼

X  

AS4C4M16S Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C4M16S
Description  Fully synchronous operation
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16S Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C4M16S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
AS4C4M16S
- 6/7
tCK3 Clock Cycle time(min.)
6/7ns
tAC3 Access time from CLK(max.)
5.4/5.4ns
tRAS Row Active time(min.)
42/49 ns
tRC Row Cycle time(min.)
60/63 ns
Part Number
Frequency
Package
AS4C4M16S-6TCN
166MHz
TSOP II
AS4C4M16S-6TIN
166MHz
TSOP II
AS4C4M16S-7TCN
143MHz
TSOP II
FEBRUARY 2011
AS4C4M16S
64Mb / 4M x 16 bit Synchronous DRAM (SDRAM)
Alliance Memory
Rev2.0 May 2014
Features
• Fast access time from clock: 5.4/5.4 ns
• Fast clock rate: 166/143 MHz
• Fully synchronous operation
• Internal pipelined architecture
• 1M word x 16-bit x 4-bank
• Programmable Mode registers
- CAS Latency: 2, or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: interleaved or linear burst
- Burst stop function
• Auto Refresh and Self Refresh
• 4096 refresh cycles/64ms
• CKE power down mode
• Single +3.3V ± 0.3V power supply
• Interface: LVTTL
• 54-pin 400 mil plastic TSOP II package
- Pb free and Halogen free
Table1. Key Specifications
Table 2. Ordering Information
T: indicates TSOPII Package,
N: indicates Pb and Halogen Free for TSOPII Package
Figure 1.Pin Assignment (Top View)
Overview
The AS4C4M16S SDRAM is a high-speed CMOS
synchronous
DRAM containing 64 Mbits. It is
internally configured as 4 Banks of 1M word x 16
DRAM with a synchronous interface (all signals are
registered on the positive edge of the clock signal,
CLK). Read and write accesses to the SDRAM are
burst oriented; accesses st art at a selected
location
and continue for a programmed number of locations
in a programmed sequence. Accesses begin with the
registration of a BankActivate command which is then
followed by a Read or Write command.
The AS4C4M16S provides for programmable Read
or Write burst lengths of 1, 2, 4, 8, or full page, with a
burst termination option. An auto precharge function
may be enabled to provide a self-timed row precharge
that is initiated at the end of the burst sequence. The
refresh functions, either Auto or Self Refresh are easy
to use. By having a programmable mode register, the
system can choose the most suitable modes to
maximize its performance. These devices are well
suited for applications requiring high memory
bandwidth and particularly well suited to high
performance PC applications.
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE#
CAS#
RAS#
CS#
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
54
2
53
3
52
4
51
5
50
6
49
7
48
8
47
9
46
10
45
11
44
12
43
13
42
14
41
15
40
16
39
17
38
18
37
19
36
20
35
21
34
22
33
23
32
24
31
25
30
26
29
27
28
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC/RFU
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
* Operating temperature range
- Commercial (0 ~ 70°C)
- Industrial (-40 ~ 85°C)
.
1
Rev2.0 May 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com