Electronic Components Datasheet Search
  English  ▼

X  

ACS754 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS754
Description  Monolithic Hall IC for high reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754 Datasheet(HTML) 7 Page - Allegro MicroSystems

  ACS754 Datasheet HTML 1Page - Allegro MicroSystems ACS754 Datasheet HTML 2Page - Allegro MicroSystems ACS754 Datasheet HTML 3Page - Allegro MicroSystems ACS754 Datasheet HTML 4Page - Allegro MicroSystems ACS754 Datasheet HTML 5Page - Allegro MicroSystems ACS754 Datasheet HTML 6Page - Allegro MicroSystems ACS754 Datasheet HTML 7Page - Allegro MicroSystems ACS754 Datasheet HTML 8Page - Allegro MicroSystems ACS754 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with High Voltage Isolation and a Low-Resistance Current Conductor
ACS754xCB-200
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Definitions of Dynamic Response Characteristics
Propagation delay (tPROP). The time required for the device
output to reflect a change in the primary current signal. Propaga-
tion delay is attributed to inductive loading within the linear IC
package, as well as in the inductive loop formed by the primary
conductor geometry. Propagation delay can be considered as a
fixed time offset and may be compensated.
Primary Current
Transducer Output
90
0
I (%)
Propagation Time, t
PROP
t
Primary Current
Transducer Output
90
0
I (%)
Response Time, tRESPONSE
t
Primary Current
Transducer Output
90
10
0
I (%)
Rise Time, tr
t
Rise time (tr). The time interval between a) when the device
reaches 10% of its full scale value, and b) when it reaches 90%
of its full scale value. The rise time to a step response is used to
derive the bandwidth of the device, in which ƒ(–3 dB) = 0.35 / tr.
Both tr and tRESPONSE are detrimentally affected by eddy current
losses observed in the conductive IC ground plane.
Response time (tRESPONSE). The time interval between a) when
the primary current signal reaches 90% of its final value, and b)
when the device reaches 90% of its output corresponding to the
applied current.
Output Voltage versus Sampled Current
Accuracy at 0 A and at Full-Scale Current
Increasing V
IOUT(V)
+I
P (A)
Accuracy
Accuracy
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
0 A
vr
Oe
Temp erature
Average
V
IOUT
–I
P (A)
vr
Oe
Temp erature
vr
Oe
Temp erature
Decreasing V
IOUT(V)
IP(min)
IP(max)
Full Scale



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com