Electronic Components Datasheet Search
  English  ▼

X  

ACS754 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS754
Description  Monolithic Hall IC for high reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS754 Datasheet HTML 1Page - Allegro MicroSystems ACS754 Datasheet HTML 2Page - Allegro MicroSystems ACS754 Datasheet HTML 3Page - Allegro MicroSystems ACS754 Datasheet HTML 4Page - Allegro MicroSystems ACS754 Datasheet HTML 5Page - Allegro MicroSystems ACS754 Datasheet HTML 6Page - Allegro MicroSystems ACS754 Datasheet HTML 7Page - Allegro MicroSystems ACS754 Datasheet HTML 8Page - Allegro MicroSystems ACS754 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with High Voltage Isolation and a Low-Resistance Current Conductor
ACS754xCB-200
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
5× overcurrent conditions. The terminals of the conductive path are
electrically isolated from the signal leads (pins 1 through 3). This
allows the ACS75x family of sensor ICs to be used in applications
requiring electrical isolation without the use of opto-isolators or
other costly isolation techniques.
The device is fully calibrated prior to shipment from the factory.
The ACS75x family is lead (Pb) free. All pins are coated with
100% matte tin, and there is no lead inside the package. The
heavy gauge leadframe is made of oxygen-free copper.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
16
V
Reverse Supply Voltage
VRCC
–16
V
Output Voltage
VIOUT
16
V
Reverse Output Voltage
VRIOUT
–0.1
V
Maximum Basic Isolation Voltage
VISO
353 VAC, 500 VDC, or Vpk
V
Maximum Rated Input Current
IIN
200
A
Output Current Source
IOUT(Source)
3mA
Output Current Sink
IOUT(Sink)
10
mA
Nominal Operating Ambient Temperature
TA
Range K
–40 to 125
ºC
Range S
–20 to 85
ºC
Maximum Junction
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
TÜV America
Certificate Number:
U8V 04 11 54214 001
Fire and Electric Shock
EN60950-1:2001
Selection Guide
Part Number
TOP
(°C)
Primary
Sampled
Current, IP
(A)
Sensitivity
Sens (Typ.)
(mV/A)
Package
Packing1
Terminals
Signal Pins
ACS754SCB-200-PFF2
–20 to 85
±200
10
Formed
Formed
Bulk, 170 pieces/bag
ACS754SCB-200-PSF3
–20 to 85
±200
10
Straight
Formed
1Contact Allegro for additional packing options.
2Variant is in production but has been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of the variant is currently
restricted to existing customer applications. The variant should not be purchased for new design applications because obsolescence in the near future
is probable. Samples are no longer available. Status change: May 4, 2009.
3Variant is in production but has been determined to be LAST TIME BUY. This classification indicates that the variant is obsolete and notice has been
given. Sale of the variant is currently restricted to existing customer applications. The variant should not be purchased for new design applications
because of obsolescence in the near future. Samples are no longer available. Status date change May 4, 2009. Deadline for receipt of LAST TIME
BUY orders is November 4, 2009.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com