Electronic Components Datasheet Search
  English  ▼

X  

ACS770XCB Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ACS770XCB
Description  4.1 關s output rise time in response to step input current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770XCB Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ACS770XCB Datasheet HTML 6Page - Allegro MicroSystems ACS770XCB Datasheet HTML 7Page - Allegro MicroSystems ACS770XCB Datasheet HTML 8Page - Allegro MicroSystems ACS770XCB Datasheet HTML 9Page - Allegro MicroSystems ACS770XCB Datasheet HTML 10Page - Allegro MicroSystems ACS770XCB Datasheet HTML 11Page - Allegro MicroSystems ACS770XCB Datasheet HTML 12Page - Allegro MicroSystems ACS770XCB Datasheet HTML 13Page - Allegro MicroSystems ACS770XCB Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall-Effect-Based
High-Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X150B PERFORMANCE CHARACTERISTICS [1]: TOP = –40°C to 125°C, CBYP = 0.1 μF, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Primary Sampled Current
IP
–150
–
150
A
Sensitivity [2]
SensTA
Measured using full-scale IP, TA = 25°C
13.01
13.33
13.65
mV/A
Sens(TOP)HT Measured using full-scale IP, TOP = 25°C to 125°C
13.01
13.33
13.65
mV/A
Sens(TOP)LT Measured using full-scale IP, TOP = –40°C to 25°C
12.86
13.33
13.8
mV/A
Sensitivity Drift Over Lifetime [3] ΔSensLIFE
TOP = –40°C to 125°C, shift after AEC-Q100 grade 0
qualification testing
–0.24
±0.08
0.24
mV/A
Noise [4]
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
–
4
–
mV
Nonlinearity
ELIN
Measured using full-scale and half-scale IP
–1
–
1
%
Electrical Offset Voltage [5][6]
VOE(TA)
IP = 0 A, TA = 25°C
–10
±4
10
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 125°C
–10
±6
10
mV
VOE(TOP)LT IP = 0 A, TOP = –40°C to 25°C
–20
±6
20
mV
Electrical Offset Voltage Drift
Over Lifetime [3]
∆VOE(LIFE)
IP = 0 A, TOP = –40°C to 125°C, shift after AEC-Q100 grade 0
qualification testing
–5
±2
5
mV
Magnetic Offset Error
IERROM
IP = 0 A, TA = 25°C, after excursion of 150 A
–
225
400
mA
Total Output Error [7]
ETOT(TA)
Measured using full-scale IP, TA = 25°C
–2.4
±0.5
2.4
%
ETOT(HT)
Measured using full-scale IP, TOP = 25°C to 125°C
–2.4
±1.5
2.4
%
ETOT(LT)
Measured using full-scale IP, TOP = –40°C to 25°C
–3.5
±2
3.5
%
Total Output Error Drift Over
Lifetime [3]
ΔETOT(LIFE)
TOP = –40°C to 125°C, shift after AEC-Q100 grade 0
qualification testing
–1.9
±0.6
1.9
%
Symmetry
ESYM
Over half-scale of IP
99
100
101
%
1
See Characteristic Performance Data page for parameter distributions over temperature range.
2
This parameter may drift a maximum of ΔSensLIFE over lifetime.
3
Based on characterization data obtained during standardized stress test for Qualification of Integrated Circuits, including Package Hysteresis. Cannot be guaranteed. Drift
is a function of customer application conditions. Contact Allegro MicroSystems for further information.
4
±3 sigma noise voltage.
5
Drift is referred to ideal VIOUT(QBI) = 2.5 V.
6
This parameter may drift a maximum of ΔVOE(LIFE) over lifetime.
7
This parameter may drift a maximum of ΔETOT(LIFE) over lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com