Electronic Components Datasheet Search
  English  ▼

X  

ACS770XCB Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # ACS770XCB
Description  4.1 關s output rise time in response to step input current
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770XCB Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button ACS770XCB Datasheet HTML 15Page - Allegro MicroSystems ACS770XCB Datasheet HTML 16Page - Allegro MicroSystems ACS770XCB Datasheet HTML 17Page - Allegro MicroSystems ACS770XCB Datasheet HTML 18Page - Allegro MicroSystems ACS770XCB Datasheet HTML 19Page - Allegro MicroSystems ACS770XCB Datasheet HTML 20Page - Allegro MicroSystems ACS770XCB Datasheet HTML 21Page - Allegro MicroSystems ACS770XCB Datasheet HTML 22Page - Allegro MicroSystems ACS770XCB Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall-Effect-Based
High-Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Propagation Time
IP = 60 A , 10% to 90% rise time = 1 µs, CBYPASS = 0.1 µF, CL = 0.47 nF
Power-On Delay
IP = 60 A DC, CBYPASS = Open, CL = 0.47 nF
20% of input
20% of output
tPROP = 2.4 µs
IP = 60 A
VIOUT
90% of output
tPOD = 88 µs
VCC
VCC (min)
VIOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com