Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRF830
Description  POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRF830 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRF830 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRF830 Datasheet HTML 2Page - List of Unclassifed Manufacturers IRF830 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
POWER MOSFET
IRF830
Advance Information
Ordering Information
Device
Package
Temp.
IRL830T
TO-220
0 to 150
°C
IRL830S
TO-263 ( D
2 )
0 to 150
°C
Absolute Maximum Rating
Parameter
Max
Unit
ID@ TC =25
°°°°C
Continuous Drain Current, VGS @10V
4.5
ID@ TC =100
°°°°C
Continuous Drain Current, VGS @10V
2.9
IDM
Pulsed Drain Current (1)
18
A
PD @ TC =25
°°°°C
Power Dissipation
74
W
Linear Derating Factor
0.59
Linear Derating Factor ( PCB Mount, D
2 ) (1)
0.025
W/
°°°°C
VGS
Gate-to- Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy (2)
280
mJ
IAR
Avalanche Current (1)
4.5
A
EAR
Repetitive Avalanche Energy (1)
7.4
mJ
dv/dt
Peak Diode Recovery dv/dt (3)
3.5
V/ns
TJ, TSTG
Junction & Storage Temperature Range
−55 to +150
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
°°°°C
Thermal Resistance
Parameter
Min
Typ
Max
Units
RθθθθJC
Junction-to Case
-
-
1.7
RθθθθCS
Case-to-Sink, Flat, Greased Surface ( TO-220)
-
0.50
RθθθθJA
Junction-to Ambient ( PCB Mount, D
2 )
40
RθθθθJA
Junction-to Ambient
-
-
62
°°°°C/W
Description
The Bay Linear MOSFET’s provide the designers with the best
combination of fast switching, ruggedized device design, low
0n-resistance and low cost-effectiveness.
The TO-220 is offered in a 3-pin is universally preferred for all
commercial-industrial applications at power dissipation level
to approximately to 50 watts. Also, available in a D
2 surface
mount power package with a power dissipation up to 2 Watts
Features
• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
VDSS = 500V
RDS (ON) = 1.5 Ω
ID = 4.5A
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Linear Excellence


Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com