Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IRF830
Description  POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRF830 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IRF830 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRF830 Datasheet HTML 2Page - List of Unclassifed Manufacturers IRF830 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
IRF830
Electrical Characteristics ( T
C = 25
°°°°C unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V(BR)DSS
Drain-to-source Breakdown
Voltage
VGS = 0V, ID = 250µA
500
V
V(BR)DSS /
∆∆∆∆T
J
Breakdown Voltage
Temperature Coefficient
Reference to 25
°C,
ID = 1mA
-
0.61
-
V/
°°°°C
ID(ON)
On-State Drain Current
(note 2)
VGS > ID(ON) x RDS(ON)Max
4.5
A
RDS(ON)
Static Drain-to-Source
On-Resistance
VGS =10V, ID = 2.7A
(note 4)
1.5
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
2.0
-
4.0
V
gfs
Forward Transconductance
VDS = 50V, ID = 2.7A
2.5
-
-
S
VDS = 500V, VGS = 0V
25
IDSS
Drain-to-Source Leakage
Current
VDS = 400V, VGS = 0V,
TC= 125°C
-
-
250
µµµµA
Gate-to-Source Forward
Leakage
VGS = 20V
100
IGSS
Gate-to-Source Reverse
Leakage
VG = -20V
-
-
-100
nA
Qg
Total Gate Charge
ID =3.1A
-
-
38
Qqs
Gate-to-Source Charge
VDS = 400V
-
-
5.0
Qgd
Gate-to-Drain (“Miller”)
Charge
VGS = 10V (note 4)
22
nC
td ( on)
Turn-On Delay Time
-
8.2
-
Tr
Rise Time
-
16
-
td (off)
Turn -Off Delay Time
-
42
-
Tf
Fall Time
VDD = 250V
ID = 3.1.1A
RG = 12Ω
RD = 79Ω (note 4)
-
16
-
ns
LD
Internal Drain Inductance
-
4.5
-
LS
Internal Source Inductance
Between lead 6mm (0.25in.)
from package and center or die
contact
-
7.5
-
nH
Ciss
Input Capacitance
-
610
-
Coss
Output Capacitance
-
160
-
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
F = 1.0MHZ
-
68
-
pF
Source-Drain Rating Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IS
Continuous Source Current
(Body Diode)
-
-
4.5
ISM
Pulsed Source Current
(Body Diode) (Note 1)
MOSFET symbol showing the
integral reverse p-n junction
diode.
-
-
18
A
VSD
Diode Forward Voltage (note 4) TJ=25
°
C, IS=2.5A,VGS=DV
-
-
1.6
V
trr
Reverse Recovery Time
-
320
640
ns
Qrr
Reverse Recovery Charge
TJ=25
°
C, IF=2.1A
di/dt=100A/
µs (Note 4)
-
1.0
2.0
µµµµC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by (LS+LD)
Notes: 1. Repetitive Rating; pulse width limited by max. junction temperature.
2. VDD = 50V, starting Tj = 25
°C, L = 24 mH R
G = 25
Ω, I
AS = 4.5A
3. ISD
≤ 4.5A, di/dt ≤ 75A/µs, V
DD
≤ V
(BR)DSS, Tj
≤ 150°C
4. Pulse with
≤ 300µs; duty cycle ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com