Electronic Components Datasheet Search
  English  ▼

X  

MDF13N50TH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDF13N50TH
Description  N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF13N50TH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDF13N50TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Nov2009. Version 1.2
MagnaChip Semiconductor Ltd
.
6
Worldwide Sales Support Locations
U.S.A
Sunnyvale Office
787 N. Mary Ave. Sunnyvale
CA 94085 U.S.A
Tel : 1-408-636-5200
Fax : 1-408-213-2450
E-Mail : usasales@magnachip.com
U.K
Knyvett House The Causeway,
Staines Middx, TW18 3BA,U.K.
Tel : +44 (0) 1784-895-000
Fax : +44 (0) 1784-895-115
E-Mail : uksales@magnachip.com
Japan
Osaka Office
3F, Shin-Osaka MT-2 Bldg 3-5-36
Miyahara Yodogawa-Ku
Osaka, 532-0003 Japan
Tel : 81-6-6394-9160
Fax : 81-6-6394-9150
E-Mail : osakasales@magnachip.com
Taiwan R.O.C
2F, No.61, Chowize Street, Nei Hu
Taipei,114 Taiwan R.O.C
Tel : 886-2-2657-7898
Fax : 886-2-2657-8751
E-Mail : taiwansales@magnachip.com
China
Hong Kong Office
Suite 1024, Ocean Centre 5 Canton Road,
Tsim Sha Tsui Kowloon, Hong Kong
Tel : 852-2828-9700
Fax : 852-2802-8183
E-Mail : chinasales@magnachip.com
Shenzhen Office
Room 2003B, 20/F
International Chamber of Commerce Tower
Fuhua Road3 CBD, Futian District, China
Tel : 86-755-8831-5561
Fax : 86-755-8831-5565
E-Mail : chinasales@magnachip.com
Shanghai Office
Room E, 8/F, Liaoshen International Building 1068
Wuzhong Road, (C) 201103
Shanghai, China
Tel : 86-21-6405-1521
Fax : 86-21-6505-1523
E-Mail : chinasales@magnachip.com
Korea
891, Daechi-Dong, Kangnam-Gu
Seoul, 135-738 Korea
Tel : 82-2-6903-3451
Fax : 82-2-6903-3668 ~9
Email : koreasales@magnachip.com
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury. Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
\
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com