Electronic Components Datasheet Search
  English  ▼

X  

MDF13N50TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF13N50TH
Description  N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF13N50TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF13N50TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF13N50TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Nov2009. Version 1.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
500
V
Drain-Source Voltage @ Tjmax
VDSS @ Tjmax
550
V
Gate-Source Voltage
VGSS
±30
V
TC=25
oC
13
A
Continuous Drain Current (※)
TC=100
oC
ID
8.2
A
Pulsed Drain Current
(1)
IDM
52
A
TC=25
oC
41
Power Dissipation
Derate above 25
oC
PD
0.33
W
W/
oC
Peak Diode Recovery dv/dt
(3)
Dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
580
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
※ Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
Thermal Resistance, Junction-to-Case
(1)
RθJC
3.05
oC/W
MDF13N50
N-Channel MOSFET 500V, 13.0 A, 0.5Ω
General Description
The MDF13N50 uses advanced MagnaChip’s MOSFET
Technology, which provides low on-state resistance, high
switching performance and excellent quality.
MDF13N50 is suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 500V
VDS = 550V @ Tjmax
ID = 13.0A
@ VGS = 10V
RDS(ON) ≤ 0.5
@ VGS = 10V
Applications
Power Supply
HID
Lighting
S
D
G


Similar Part No. - MDF13N50TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF13N50TH ISC-MDF13N50TH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF13N50TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDFS13N50G MGCHIP-MDFS13N50G Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP13N50 MGCHIP-MDP13N50 Datasheet
851Kb / 6P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP13N50B MGCHIP-MDP13N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MDP13N50G MGCHIP-MDP13N50G Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
MDP18N50 MGCHIP-MDP18N50 Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com