Electronic Components Datasheet Search
  English  ▼

X  

TLV7021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  Micro-Package, Micro-Power, Low-Voltage Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments TLV7021 Datasheet HTML 16Page - Texas Instruments TLV7021 Datasheet HTML 17Page - Texas Instruments TLV7021 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
0.1 uF
Package
Body
Outline
OUT
VCC
IN+
IN-
4 mil VIAs
14
TLV7011, TLV7021
SLVSDM5 – MAY 2017
www.ti.com
Product Folder Links: TLV7011 TLV7021
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Power Supply Recommendations
The TLV7011 and TLV7021 have a recommended operating voltage range (VS) of 1.4 V to 5.5 V. VS is defined
as VCC – VEE. Therefore, the supply voltages used to create VS can be single-ended or bipolar. For example,
single-ended supply voltages of 5 V and 0 V and bipolar supply voltages of +2.5 V and –2.5 V create comparable
operating voltages for VS. However, when bipolar supply voltages are used, it is important to realize that the logic
low level of the comparator output is referenced to VEE.
10 Layout
10.1 Layout Guidelines
A power-supply bypass capacitor of 100 nF is recommended when supply output impedance is high, supply
traces are long, or when excessive noise is expected on the supply lines. Bypass capacitors are also
recommended when the comparator output drives a long trace or is required to drive a capacitive load. Due to
the fast rising and falling edge rates and high-output sink and source capability of the TLV7011 and TLV7021
output stages, higher than normal quiescent current can be drawn from the power supply. Under this
circumstance, the system would benefit from a bypass capacitor across the supply pins.
10.2 Layout Example
Figure 14. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com