Electronic Components Datasheet Search
  English  ▼

X  

TPL7407LAPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPL7407LAPWR
Description  30-V 7-Channel Low Side Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LAPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL7407LAPWR Datasheet HTML 9Page - Texas Instruments TPL7407LAPWR Datasheet HTML 10Page - Texas Instruments TPL7407LAPWR Datasheet HTML 11Page - Texas Instruments TPL7407LAPWR Datasheet HTML 12Page - Texas Instruments TPL7407LAPWR Datasheet HTML 13Page - Texas Instruments TPL7407LAPWR Datasheet HTML 14Page - Texas Instruments TPL7407LAPWR Datasheet HTML 15Page - Texas Instruments TPL7407LAPWR Datasheet HTML 16Page - Texas Instruments TPL7407LAPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
TPL7407LA
www.ti.com
SLRS073 – MAY 2017
Product Folder Links: TPL7407LA
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2.3 Application Curve
Figure 8 was generated with TPL7407LA driving an OMRON G5NB relay -- Vin = 5 V; Vsup = 12 V & RCOIL = 2.8
kΩ
Figure 8. Output Response With De-Activation of Coil (Turnoff)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com