Electronic Components Datasheet Search
  English  ▼

X  

ICS581-01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS581-01
Description  ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS581-01 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS581-01 Datasheet HTML 1Page - Integrated Device Technology ICS581-01 Datasheet HTML 2Page - Integrated Device Technology ICS581-01 Datasheet HTML 3Page - Integrated Device Technology ICS581-01 Datasheet HTML 4Page - Integrated Device Technology ICS581-01 Datasheet HTML 5Page - Integrated Device Technology ICS581-01 Datasheet HTML 6Page - Integrated Device Technology ICS581-01 Datasheet HTML 7Page - Integrated Device Technology ICS581-01 Datasheet HTML 8Page - Integrated Device Technology ICS581-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS581-01/02
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
ZDB AND MULTIPLEXER
IDT® ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
4
ICS581-01/02
REV M 110216
PLL will run in an open loop.
The ICS581-02 is identical to the ICS581-01 except for the
switching of the input mux. On the ICS581-02, the switching
is automatically controlled by a transition detector. The
transition detector monitors the clock on INA. If this clock
stops, the output of the detector, NO_INA goes high, which
then selects clock input INB to the mux. The definition of the
clock stopping is determined by a timeout selected by input
DIV. If DIV is low, NO_INA will go high after no transitions
have occurred on INA for nominally three cycles of the clock
on INB. If DIV is high, the timeout is nominally 48 cycles of
INB. When INA restarts, the mux immediately switches back
to the INA selection with no timeout.
Input Clock Frequency
The ICS581-01 and ICS581-02 are designed to switch
between two clocks of the same frequency. They will also
operate with different frequencies on each of the two input
clocks. If the two input frequencies require different input
ranges (see table on page two), then the highest range
should be permanently selected. When the selected input
clock is outside this range, jitter and input skew
specifications may not be met. Consult IDT for more
information.
Application Example
A typical application for the ICS581-02 is to provide a backup clock for a system. The backup reliable clock would
be connected to INB while the main clock would be connected to INA. If the main clock failed, the ICS581-02 would
automatically be switched to the backup clock. The following example shows the connection for this.
In this example, the clocks are 155 MHz and so the frequency range is address 11. Both S0 and S1 are left
unconnected, causing the on-chip pull-ups to produce the required high inputs. The same is true for OE0, OE1, and
DIV. In this example, CLK4 is used as the feedback. Note that the feedback path is before the series resistor.
CLK3
S0
CLK4
S1
GND
VDD
OE1
INA
INB
GND
FBIN
OE0
DIV
VDD
CLK1
CLK2
VDD
0.01
F
33
33
33
33
0.01
F
MAIN
BACKUP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com