Electronic Components Datasheet Search
  English  ▼

X  

ICS581-01 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS581-01
Description  ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS581-01 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS581-01 Datasheet HTML 1Page - Integrated Device Technology ICS581-01 Datasheet HTML 2Page - Integrated Device Technology ICS581-01 Datasheet HTML 3Page - Integrated Device Technology ICS581-01 Datasheet HTML 4Page - Integrated Device Technology ICS581-01 Datasheet HTML 5Page - Integrated Device Technology ICS581-01 Datasheet HTML 6Page - Integrated Device Technology ICS581-01 Datasheet HTML 7Page - Integrated Device Technology ICS581-01 Datasheet HTML 8Page - Integrated Device Technology ICS581-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS581-01/02
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
ZDB AND MULTIPLEXER
IDT® ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
5
ICS581-01/02
REV M 110216
External Components
The ICS581-01 and ICS581-02 require two 0.01
F capacitors between VDD and GND, one on each side of the
chip. These must be close to the chip to minimize lead inductance. Series termination resistors of 33
 should be
used on the outputs, should also be close to the chip, and the feedback path should be a direct connection from a
clock output to a FBIN pin, routed directly under the chip to minimize trace length. This should be connected before
the series termination resistor.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS581-01/02. These ratings, which
are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (ICS581-01, ICS581-02)
0 to +70
C
Ambient Operating Temperature (ICS581-01I, ICS581-02I) -40 to +85
C
Storage Temperature
-65 to +150
C
Junction Temperature
125
C
Soldering Temperature
260
C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (ICS581-01, ICS581-02)
0
+70
C
Ambient Operating Temperature (ICS581-01I, ICS581-02I)
-40
+85
C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Supply Current
IDD
100 MHz, no load
26
mA
Input High Voltage
VIH
Non-clock inputs
2
V
Input Low Voltage
VIL
Non-clock inputs
0.8
V
Input High Voltage
VIH
INA, INB, FBIN
(VDD/2)+1
VDD/2
V
Input Low Voltage
VIL
INA, INB, FBIN
VDD/2
(VDD/2)-1
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com