Electronic Components Datasheet Search
  English  ▼

X  

AS6C1616A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS6C1616A
Description  Low Data Retention Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1616A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS6C1616A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1616A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ABSOLUTE MAXIMUM RATINGS1)
Parameter
Symbol
Ratings
Unit
Voltage on Any Pin Relative to Vss
VIN, VOUT
-0.2 to 4.0
V
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 4.0
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
FUNCTIONAL DESCRIPTION
CS1
CS2
OE
WE
LB
UB
DQ0~7
DQ8~15
Mode
Power
H
X
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
L
X
X
X
X
High-Z
High-Z
Deselected
Stand by
X
X
X
X
H
H
High-Z
High-Z
Deselected
Stand by
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
L
H
L
H
L
H
Data Out
High-Z
Lower Byte Read
Active
L
H
L
H
H
L
High-Z
Data Out
Upper Byte Read
Active
L
H
L
H
L
L
Data Out
Data Out
Word Read
Active
L
H
X
L
L
H
Data In
High-Z
Lower Byte Write
Active
L
H
X
L
H
L
High-Z
Data In
Upper Byte Write
Active
L
H
X
L
L
L
Data In
Data In
Word Write
Active
NOTE : X means don’t care. (Must be low or high state)
AUGUST 2010
1024K X 16 BIT LOW POWER CMOS SRAM
AS6C1616A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com