Electronic Components Datasheet Search
  English  ▼

X  

LM2429 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2429
Description  Monolithic Triple Channel 15 MHz DTV Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2429 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2429 Datasheet HTML 3Page - National Semiconductor (TI) LM2429 Datasheet HTML 4Page - National Semiconductor (TI) LM2429 Datasheet HTML 5Page - National Semiconductor (TI) LM2429 Datasheet HTML 6Page - National Semiconductor (TI) LM2429 Datasheet HTML 7Page - National Semiconductor (TI) LM2429 Datasheet HTML 8Page - National Semiconductor (TI) LM2429 Datasheet HTML 9Page - National Semiconductor (TI) LM2429 Datasheet HTML 10Page - National Semiconductor (TI) LM2429 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Hints (Continued)
POWER SUPPLY BYPASS
Since the LM2429 is a wide bandwidth amplifier, proper
power supply bypassing is critical for optimum performance.
Improper power supply bypassing can result in large over-
shoot, ringing or oscillation. 0.1µF capacitors should be con-
nected from the supply pins, V
CC and VBB, to ground, as
close to the LM2429 as is practical. Additionally, a 22µF or
larger electrolytic capacitor should be connected from both
supply pins to ground reasonably close to the LM2429.
ARC PROTECTION
During normal CRT operation, internal arcing may occasion-
ally occur. Spark gaps, in the range of 300V, connected from
the CRT cathodes to CRT ground will limit the maximum
voltage, but to a value that is much higher than allowable on
the LM2429. This fast, high voltage, high energy pulse can
damage the LM2429 output stage. The application circuit
shown in Figure 13 is designed to help clamp the voltage at
the output of the LM2429 to a safe level. The clamp diodes,
D1 and D2, should have a fast transient response, high peak
current rating, low series impedance and low shunt capaci-
tance. 1SS83 or equivalent diodes are recommended. D1
and D2 should have short, low impedance connections to
V
CC and ground respectively. The cathode of D1 should be
located very close to a separately decoupled bypass capaci-
tor (C3 in Figure 13). The ground connection of D2 and the
decoupling capacitor should be very close to the LM2429
ground. This will significantly reduce the high frequency
voltage transients that the LM2429 would be subjected to
during an arcover condition. Resistor R2 limits the arcover
current that is seen by the diodes while R1 limits the current
into the LM2429 as well as the voltage stress at the outputs
of the device. R2 should be a 1⁄2W solid carbon type resistor.
R1 can be a 1⁄4W metal or carbon film type resistor. Having
large value resistors for R1 and R2 would be desirable, but
this has the effect of increasing rise and fall times. Inductor
L1 is critical to reduce the initial high frequency voltage
levels that the LM2429 would be subjected to. The inductor
will not only help protect the device but it will also help
minimize rise and fall times as well as minimize EMI. For
proper arc protection, it is important to not omit any of the arc
protection components shown in Figure 13.
EFFECT OF LOAD CAPACITANCE
Figure 7 shows the effect of increased load capacitance on
the speed of the device. This demonstrates the importance
of knowing the load capacitance in the application.
EFFECT OF OFFSET
Figure 8 shows the variation in rise and fall times when the
output offset of the device is varied from 95V to 105V
DC. The
rise time shows a variation of less than 8% relative to the
center data point (100V
DC). The fall time shows a variation of
less than 9% relative to the center data point.
THERMAL CONSIDERATIONS
Figure 9 shows the performance of the LM2429 in the test
circuit shown in Figure 3 as a function of case temperature.
The figure shows that the rise and fall times of the LM2429
increase by approximately 15% and 30%, respectively, as
the case temperature increases from 50˚C to 90˚C. This
corresponds to a speed degradation of 3.75% and 7.5% for
every 10˚C rise in case temperature.
Figure 10 shows the power dissipation of the LM2429 vs.
Frequency when all three channels of the device are driving
an 8pF load with a 130V
PP alternating one pixel on, one pixel
off signal. The graph assumes a 72% active time (device
operating at the specified frequency) which is typical in a TV
application. The other 28% of the time the device is assumed
to be sitting at the black level (165V in this case). Table 1
also shows the typical power dissipation of the LM2429 for
various video patterns in the 480i and 480p video formats.
Figure 10, Figure 11, and Table 1 give the designer the
information needed to determine the heatsink requirement
for the LM2429. For example, if an HDTV application uses
the 480p format and "Vertical Lines 2 On 2 Off" is assumed
to be the worst-case pattern to be displayed, then the power
dissipated will be 11.4W (from Table 1). Figure 11 shows that
the maximum allowed case temperature is 117˚C when
11.4W is dissipated. If the maximum expected ambient tem-
perature is 70˚C, then a maximum heatsink thermal resis-
tance can be calculated:
This example assumes a capacitive load of 8pF and no
resistive load. The designer should note that if the load
capacitance is increased the AC component of the total
power dissipation will also increase.
Note: A LM126X preamplifier, with rise and fall times of about
2 ns, was used to drive the LM2429 for these power mea-
surements. Using a preamplifier with rise and fall times
slower than the LM126X will cause the LM2429 to dissipate
less power than shown in Table 1.
OPTIMIZING TRANSIENT RESPONSE
In Figure 13, there are three components (R1, R2 and L1)
that can be adjusted to optimize the transient response of
the application circuit. Increasing the values of R1 and R2
will slow the circuit down while decreasing overshoot. In-
creasing the value of L1 will speed up the circuit as well as
increase overshoot. It is very important to use inductors with
very high self-resonant frequencies, preferably above 300
MHz. Ferrite core inductors from J.W. Miller Magnetics (part
# 78FR_ _k) were used for optimizing the performance of the
device in the NSC application board. The values shown in
Figure 14 and Figure 15 can be used as a good starting point
for the evaluation of the LM2429. Using a variable resistor
for R1 will simplify finding the value needed for optimum
performance in a given application. Once the optimum value
is determined, the variable resistor can be replaced with a
fixed value.
20073110
FIGURE 13. One Channel of the LM2429 with the
Recommended Application Circuit
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com