Electronic Components Datasheet Search
  English  ▼

X  

LM2429 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2429
Description  Monolithic Triple Channel 15 MHz DTV Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2429 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2429 Datasheet HTML 4Page - National Semiconductor (TI) LM2429 Datasheet HTML 5Page - National Semiconductor (TI) LM2429 Datasheet HTML 6Page - National Semiconductor (TI) LM2429 Datasheet HTML 7Page - National Semiconductor (TI) LM2429 Datasheet HTML 8Page - National Semiconductor (TI) LM2429 Datasheet HTML 9Page - National Semiconductor (TI) LM2429 Datasheet HTML 10Page - National Semiconductor (TI) LM2429 Datasheet HTML 11Page - National Semiconductor (TI) LM2429 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Hints (Continued)
Figure 12 shows the typical cathode pulse response with an
output swing of 130V
PP using a LM1269 preamplifier.
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance, an adequate ground plane, iso-
lation between channels, good supply bypassing and mini-
mizing unwanted feedback are necessary. Also, the length of
the signal traces from the preamplifier to the LM2429 and
from the LM2429 to the CRT cathode should be as short as
possible. The following references are recommended:
Ott, Henry W., “Noise Reduction Techniques in Electronic
Systems”, John Wiley & Sons, New York, 1976.
“Video Amplifier Design for Computer Monitors”, National
Semiconductor Application Note 1013.
Pease,
Robert A.,
“Troubleshooting Analog
Circuits”,
Butterworth-Heinemann, 1991.
Because of its high small signal bandwidth, the part may
oscillate in a TV if feedback occurs around the video channel
through the chassis wiring. To prevent this, leads to the video
amplifier input circuit should be shielded, and input circuit
wiring should be spaced as far as possible from output circuit
wiring.
TYPICAL APPLICATION
A typical application of the LM2429 is shown in the sche-
matic for the NSC demonstration board in Figure 14 and
Figure 15. Used in conjunction with an LM126X preamplifier,
a complete video channel from input to CRT cathode can be
achieved. Performance is ideal for DTV applications. The
NSC demonstration board can be used to evaluate the
LM126X/LM2429 combination in a TV.
NSC DEMONSTRATION BOARD
Figure 16 shows the routing and component placement on
the NSC LM126X/LM2429 demonstration board. This board
provides a good example of a layout that can be used as a
guide for future layouts. Note the location of the following
components:
•
C19—V
CC bypass capacitor, located very close to pin 2
and ground pins
•
C20—V
BB bypass capacitor, located close to pin 11 and
ground
•
C46, C48 — V
CC bypass capacitors, near LM2429 and
V
CC clamp diodes. Very important for arc protection.
The routing of the LM2429 outputs to the CRT is very critical
to achieving optimum performance. Figure 17 shows the
routing and component placement from pin 10 (V1
OUT)of
the LM2429 to the blue cathode. Note that the components
are placed so that they almost line up from the output pin of
the LM2429 to the blue cathode pin of the CRT connector.
This is done to minimize the length of the video path be-
tween these two components. Note also that D8, D9, R24
and D6 are placed to minimize the size of the video nodes
that they are attached to. This minimizes parasitic capaci-
tance in the video path and also enhances the effectiveness
of the protection diodes. The anode of protection diode D8 is
connected directly to a section of the the ground plane that
has a short and direct path to the LM2429 ground pins. The
cathode of D9 is connected to V
CC very close to decoupling
capacitor C48 which is connected to the same section of the
ground plane as D8. The diode placement and routing is
very important for minimizing the voltage stress on the
LM2429 during an arcover event. Lastly, notice that S3 is
placed very close to the blue cathode and is tied directly to
CRT ground.
This demonstration board uses large PCB holes to accom-
modate socket pins, which function to allow for multiple
insertions of the LM2429 in a convenient manner. To benefit
from the enhanced LM2429 package with thin leads, the
device should be secured in small PCB holes to optimize the
metal-to-metal spacing between the leads.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com