Electronic Components Datasheet Search
  English  ▼

X  

LM96000 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM96000
Description  Hardware Monitor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM96000 Datasheet HTML 1Page - National Semiconductor (TI) LM96000 Datasheet HTML 2Page - National Semiconductor (TI) LM96000 Datasheet HTML 3Page - National Semiconductor (TI) LM96000 Datasheet HTML 4Page - National Semiconductor (TI) LM96000 Datasheet HTML 5Page - National Semiconductor (TI) LM96000 Datasheet HTML 6Page - National Semiconductor (TI) LM96000 Datasheet HTML 7Page - National Semiconductor (TI) LM96000 Datasheet HTML 8Page - National Semiconductor (TI) LM96000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V+
−0.5V to 6.0V
Voltage on Any Digital Input or
Output Pin
−0.5V to 6.0V
Voltage on 12V Analog Input
−0.5V to 16V
Voltage on 5V Analog Input
−0.5V to 6.66V
Voltage on Remote1+, Remote2+, −0.5V to (V+ + 0.05V)
Current on Remote1−, Remote2−
±1mA
Voltage on Other Analog Inputs
−0.5V to 6.0V
Input Current on Any Pin (Note 3)
±5mA
Package Input Current (Note 3)
±20 mA
Package Dissipation at T
A = 25˚C
See (Note 5)
ESD Susceptibility (Note 4)
Human Body Model
2500V
Machine Model
250V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National’s reflow
temperature profile specifications. Refer to
www.national.com/packaging/. (Note 6)
Operating Ratings (Notes 1, 2)
LM96000 Operating Temperature
Range
0˚C
≤ T
A
≤ +85˚C
Remote Diode Temperature Range
0˚C
≤ T
D
≤ +125˚C
Supply Voltage (3.3V nominal)
+3.0V to +3.6V
V
IN Voltage Range
+12V V
IN
−0.05V to 16V
+5V V
IN
−0.05V to 6.66V
+3.3V V
IN
3.0V to 4.4V
VCCP_IN and All Other Inputs −0.05V to (V+ + 0.05V)
VID0–VID4
−0.05V to 5.5V
Typical Supply Current
0.53 mA
DC Electrical Characteristics
The following specifications apply for V+ = 3.0V to 3.6V, and all analog input source impedance R
S =50
Ω unless otherwise
specified in conditions. Boldface limits apply for T
A =TJ over TMIN =0˚C to TMAX=85˚C; all other limits TA =TJ= 25˚C. TA is
the ambient temperature of the LM96000; T
J is the junction temperature of the LM96000; TD is the thermal diode junction tem-
perature.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
Supply Current (Note 9)
Converting, Interface and
Fans Inactive, Peak
Current
1.8
3.5
mA (max)
Converting, Interface and
Fans Inactive, Average
Current
0.53
mA
Power-On Reset Threshold Voltage
1.6
V (min)
2.8
V (max)
TEMPERATURE TO DIGITAL CONVERTER CHARACTERISTICS
Resolution
1
8
˚C
Bits
Temperature Accuracy (See (Note 10) for Thermal
Diode Processor Type)
T
D=25˚C
±2.5
˚C (max)
T
D=0˚C to 100˚C
±1
±3
˚C (max)
T
D=100˚C to 125˚C
±4
˚C (max)
Temperature Accuracy using Internal Diode (Note
11)
±1
±3
˚C (max)
I
DS
External Diode Current Source
High Level
188
280
µA (max)
Low Level
11.75
µA
External Diode Current Ratio
16
ANALOG TO DIGITAL CONVERTER CHARACTERISTICS
TUE
Total Unadjusted Error(Note 12)
±2
%FS (max)
DNL
Differential Non-linearity
1
LSB
Power Supply Sensitivity
±1
%/V
Total Monitoring Cycle Time (Note 13)
All Voltage and
Temperature readings
182
200
ms (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com