Electronic Components Datasheet Search
  English  ▼

X  

LM96000 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM96000
Description  Hardware Monitor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM96000 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM96000 Datasheet HTML 3Page - National Semiconductor (TI) LM96000 Datasheet HTML 4Page - National Semiconductor (TI) LM96000 Datasheet HTML 5Page - National Semiconductor (TI) LM96000 Datasheet HTML 6Page - National Semiconductor (TI) LM96000 Datasheet HTML 7Page - National Semiconductor (TI) LM96000 Datasheet HTML 8Page - National Semiconductor (TI) LM96000 Datasheet HTML 9Page - National Semiconductor (TI) LM96000 Datasheet HTML 10Page - National Semiconductor (TI) LM96000 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Pin
#
Pin
Name
Circuit
All Input Circuits
1
SMBDAT
A
Circuit A
2
SMBCLK
3
GND
B
4
3.3V
5
VID0
A
Circuit B
6
VID1
7
VID2
8
VID3
9
TACH3
10
PWM2
Circuit C
11
TACH1
12
TACH2
13
PWM3/AddEnable
14
TACH4/AddSel
15
REMOTE2−
C
Circuit D
16
REMOTE2+
D
17
REMOTE1−
C
18
REMOTE1+
D
19
VID4
A
20
5V
E
Circuit E
21
12V
22
2.5V
23
VCCP_IN
24
PWM1/xTEXTOUT
A
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor. Machine model, 200pF discharged directly into each pin.
Note 5: Thermal resistance junction-to-ambient when attached to a double-sided printed circuit board with 1 oz. foil is 113 ˚C/W.
Note 6: Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
Note 7: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: The average current can be calculated from the peak current using the following equation:
Quiescent current will not increase substantially with an SMBus transaction.
Note 10: The accuracy of the LM96000CIMT is guaranteed when using the thermal diode of Intel Pentium 4 90nm processors or any thermal diode with a
non-ideality of 1.011 and series resistance of 3.33
Ω. When using a 2N3904 type transistor as a thermal diode the error band will be typically shifted by -?˚C.
Note 11: Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the internal power
dissipation of the LM96000 and the thermal resistance. See (Note 5) for the thermal resistance to be used in the self-heating calculation.
Note 12: TUE , total unadjusted error, includes ADC gain, offset, linearity and reference errors. TUE is defined as the "actual Vin" to achieve a given code transition
minus the "theoretical Vin" for the same code. Therefore, a positive error indicates that the input voltage is greater than the theoretical input voltage for a given code.
If the theoretical input voltage was applied to an LM96000 that has positive error, the LM96000’s reading would be less than the theoretical.
Note 13: This specification is provided only to indicate how often temperature and voltage data is updated. The LM96000 can be read at any time without regard
to conversion state (and will yield last conversion result).
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com