Electronic Components Datasheet Search
  English  ▼

X  

AS8C403600 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS8C403600
Description  Power down controlled by ZZ input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C403600 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS8C403600 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
6.42
10
AS8C403600, AS8C401800, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial Temperature Range
AC Electrical Characteristics
(VDD = 3.3V ±5%, Commercial and Industrial Temperature Ranges)
NOTES:
1. Measured as HIGH above VIH and LOW below VIL.
2. Transition is measured ±200mV from steady-state.
3. Device must be deselected when powered-up from sleep mode.
4. tCFG is the minimum time required to configure the device based on the
LBO
input. LBO is a static input and must not change during normal operation.
150MHz
133MHz
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tCYC
Clock Cycle Time
6.7
____
7.5
____
ns
tCH(1)
Clock High Pulse Width
2.6
____
3
____
ns
tCL(1)
Clock Low Pulse Width
2.6
____
3
____
ns
Output Parameters
tCD
Clock High to Valid Data
____
3.8
____
4.2
ns
tCDC
Clock High to Data Change
1.5
____
1.5
____
ns
tCLZ(2)
Clock High to Output Active
0
____
0
____
ns
tCHZ(2)
Clock High to Data High-Z
1.5
3.8
1.5
4.2
ns
tOE
Output Enable Access Time
____
3.8
____
4.2
ns
tOLZ(2)
Output Enable Low to Output Active
0
____
0
____
ns
tOHZ(2)
Output Enable High to Output High-Z
____
3.8
____
4.2
ns
Set Up Times
tSA
Address Setup Time
1.5
____
1.5
____
ns
tSS
Address Status Setup Time
1.5
____
1.5
____
ns
tSD
Data In S etup Time
1.5
____
1.5
____
ns
tSW
Write Setup Time
1.5
____
1.5
____
ns
tSAV
Address Advance Setup Time
1.5
____
1.5
____
ns
tSC
Chip Enable/Select Setup Time
1.5
____
1.5
____
ns
Hold Times
tHA
Address Hold Time
0.5
____
0.5
____
ns
tHS
Address Status Hold Time
0.5
____
0.5
____
ns
tHD
Data In Ho ld Time
0.5
____
0.5
____
ns
tHW
Write Hold Time
0.5
____
0.5
____
ns
tHAV
Address Advance Hold Time
0.5
____
0.5
____
ns
tHC
Chip Enable/Select Hold Time
0.5
____
0.5
____
ns
Sleep Mode and Configuration Parameters
tZZPW
ZZ Pulse Width
100
____
100
____
ns
tZZR(3)
ZZRecovery Time
100
____
100
____
ns
tCFG(4)
Configuration Set-up Time
27
____
30
____
ns
5279 tbl 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com