Electronic Components Datasheet Search
  English  ▼

X  

AS8C403600 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS8C403600
Description  Power down controlled by ZZ input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C403600 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS8C403600 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C403600 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2010
DSC-5279/05
1
Features
◆
◆
◆
◆
◆
128K x 36, 256K x 18 memory configurations
◆
◆
◆
◆
◆
Supports high system speed:
Commercial:
– 150MHz 3.8ns clock access time
◆
◆
◆
◆
◆
LBO
input selects interleaved or linear burst mode
◆
◆
◆
◆
◆
Self-timed write cycle with global write control ( l (
GW
), byte
write enable (BWE), and byte writes (BWx)
◆
◆
◆
◆
◆
3.3V core power supply
◆
◆
◆
◆
◆
Power down controlled by ZZ input
◆
◆
◆
◆
◆
3.3V I/O
◆
◆
◆
◆
◆
Optional - Boundary Scan JTAG Interface (IEEE 1149.1
compliant)
◆
◆
◆
◆
◆
Packaged in a JEDEC Standard 100-pin plastic thin quad
flatpack (TQFP).
Description
TheAS8C403600/1800 are high- speed SRAMs organized as
128K x 36/256K x 18. TheAS8C403600/401800 SRAMs contain write,
data, address and control registers. Internal logic allows the SRAM to
generate a self-timed write based upon a decision which can be left until
the end of the write cycle.
The burst mode feature offers the highest level of performance to the
system designer,as theAS8C403600/1800 can provide four cycles of data
for a single address presented to the SRAM. An internal burst address
counter accepts the first cycle address from the processor, initiating the
access sequence. The first cycle of output data will be pipelined for one
cycle before it is available on the next rising clock edge. If burst mode
operation is selected ((ADV=LOW), the subsequent three cycles of output
data will be available to the user on the next three rising clock edges. The
order of these three addresses are defined by the internal burst counter
and the LBO input pin.
The AS8C403600/1800 SRAMs utilize the latest high- performance
CMOS process and are packagedin a JEDEC standard 14mm x 20mm
100-pin thin plastic quad flatpack (TQFP).
Pin Description Summary
NOTE:
1. BW3 and BW4 are not applicable for the AS8C401800.
A0-A17
Address Inputs
Input
Synchronous
CE
Chip Enab le
Input
Synchronous
CS0, CS1
Chip Se lects
Input
Synchronous
OE
Output Enable
Input
Asynchronous
GW
Global Write Enable
Input
Synchronous
BWE
Byte Write Enable
Input
Synchronous
BW1
, BW2, BW3, BW4(1)
Individual Byte Write Se lects
Input
Synchronous
CLK
Clock
Input
N/A
ADV
Burst Ad dress Advance
Input
Synchronous
ADSC
Address Status (Cache Controller)
Input
Synchronous
ADSP
Address Status (Processor)
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
DC
TMS
Test Mode Select
Input
Synchronous
TDI
Test Data Input
Input
Synchronous
TCK
Test Clock
Input
N/A
TDO
Test Data Output
Output
Synchronous
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
N/A
VSS
Ground
Supply
N/A
128K x 36, 256K x 18
3.3V Synchronous SRAMs
3.3V I/O, Pipelined Outputs
Burst Counter, Single Cycle Deselect
AS8C403600
AS8C401800


Similar Part No. - AS8C403600

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS8C403601 ALSC-AS8C403601 Datasheet
7Mb / 21P
three chip enables for simple depth expansion
AS8C403601-QC166N ALSC-AS8C403601-QC166N Datasheet
7Mb / 21P
three chip enables for simple depth expansion
More results

Similar Description - AS8C403600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD5242G-TR ROHM-BD5242G-TR Datasheet
400Kb / 16P
Delay time controlled by extemal capacitor
logo
TriQuint Semiconductor
TQM7M5013 TRIQUINT-TQM7M5013_15 Datasheet
241Kb / 1P
Quad-Band Input Power Controlled EDGE PAM
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD6326NUX ROHM-BD6326NUX Datasheet
1Mb / 25P
Speed controllable by PWM input signal
logo
Alliance Semiconductor ...
AS8C163631 ALSC-AS8C163631 Datasheet
8Mb / 22P
power down controlled by zz input
AS8C403625 ALSC-AS8C403625 Datasheet
806Kb / 19P
Power down controlled by ZZ input
AS8C803600 ALSC-AS8C803600 Datasheet
8Mb / 18P
Power down controlled by ZZ input
AS8C803625 ALSC-AS8C803625 Datasheet
5Mb / 22P
Power down controlled by ZZ input
logo
Qorvo, Inc
TQM7M5013 QORVO-TQM7M5013 Datasheet
118Kb / 1P
Quad-Band Input Power Controlled EDGE PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com