Electronic Components Datasheet Search
  English  ▼

X  

LMH6550 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550
Description  Differential, High Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6550 Datasheet HTML 1Page - National Semiconductor (TI) LMH6550 Datasheet HTML 2Page - National Semiconductor (TI) LMH6550 Datasheet HTML 3Page - National Semiconductor (TI) LMH6550 Datasheet HTML 4Page - National Semiconductor (TI) LMH6550 Datasheet HTML 5Page - National Semiconductor (TI) LMH6550 Datasheet HTML 6Page - National Semiconductor (TI) LMH6550 Datasheet HTML 7Page - National Semiconductor (TI) LMH6550 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5V Electrical Characteristics (Note 2) (Continued)
Single ended in differential out, T
A= 25˚C, AV= +1, VS = 5V, VCM = 2.5V, RF =RG = 365
Ω,R
L = 500
Ω; ; Unless specifiedBold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
HD2
V
O =2VPP,f=20 MHz, RL=800
Ω
−88
dBc
HD3
3
rd Harmonic Distortion
V
O =2VPP,f=5 MHz, RL=800
Ω
−85
dBc
HD3
V
O =2VPP,f=20 MHz, RL=800
Ω
−70
dBc
e
n
Input Referred Noise Voltage
Freq
≥ 1 MHz
6.0
nV/
i
n
Input Referred Noise Current
Freq
≥ 1 MHz
1.5
pA/
Input Characteristics (Differential)
V
OSD
Input Offset Voltage
Differential Mode, V
ID =0,VCM =0
1
±4
±6
mV
Input Offset Voltage Average
Temperature Drift
(Note 10)
1.6
µV/˚C
I
BIAS
Input Bias Current
(Note 9)
0
−8
−16
µA
Input Bias Current Average
Temperature Drift
(Note 10)
9.5
nA/˚C
Input Bias Current Difference
Difference in Bias currents between
the two inputs
0.3
µA
CMRR
Common-Mode Rejection Ratio
DC, V
ID = 0V
70
80
dBc
Input Resistance
Differential
5
M
Ω
Input Capacitance
Differential
1
pF
V
ICM
Input Common Mode Range
CMRR > 53 dB
+3.1
+0.4
+3.2
+0.3
V
CMPin Input Characteristics (Common Mode Feedback Amplifier)
Input Offset Voltage
Common Mode, V
ID =0
1
±5
±8
mV
Input Offset Voltage Average
Temperature Drift
18.6
µV/˚C
Input Bias Current
3µA
V
CM CMRR
V
ID =0,
1V step on V
CM pin, measure VOD
70
75
dB
Input Resistance
V
CM pin to ground
25
k
Ω
Common Mode Gain
▲V
O,CM/▲VCM
0.991
V/V
Output Performance
V
OUT
Output Voltage Swing
Single Ended, Peak to Peak, V
S=
±2.5V, V
CM=0V
±2.4
±2.8
V
I
OUT
Linear Output Current
V
OUT = 0V Differential
±54
±70
mA
I
SC
Output Short Circuit Current
Output Shorted to Ground
V
IN = 3V Single Ended(Note 3)
250
mA
CMVR
Common Mode Voltage Range
V
ID =0,VCMpin = 1.2V and 3.8V
3.72
1.23
3.8
1.2
V
Output Balance Error
∆V
OUTCommon Mode
/
∆V
OUTDIfferential , VOUT = 1Vpp
Differential,f=10MHz
−65
dB
Miscellaneous Performance
Enable/Disable Time
10
ns
Open Loop Gain
DC, Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
∆V
S = ±0.5V
72
77
dB
I
S
Supply Current
R
L = ∞
16.5
19
23.5
26.5
mA
I
SD
Disabled Supply Current
1
1.2
mA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com