Electronic Components Datasheet Search
  English  ▼

X  

LMH6550 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550
Description  Differential, High Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) LMH6550 Datasheet HTML 10Page - National Semiconductor (TI) LMH6550 Datasheet HTML 11Page - National Semiconductor (TI) LMH6550 Datasheet HTML 12Page - National Semiconductor (TI) LMH6550 Datasheet HTML 13Page - National Semiconductor (TI) LMH6550 Datasheet HTML 14Page - National Semiconductor (TI) LMH6550 Datasheet HTML 15Page - National Semiconductor (TI) LMH6550 Datasheet HTML 16Page - National Semiconductor (TI) LMH6550 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Section (Continued)
CAPACITIVE DRIVE
As noted in the Driving ADC section, capacitive loads should
be isolated from the amplifier output with small valued resis-
tors. This is particularly the case when the load has a resis-
tive component that is 500
Ω or higher. A typical ADC has
capacitive components of around 10 pF and the resistive
component could be 1000
Ω or higher. If driving a transmis-
sion line, such as 50
Ω coaxial or 100Ω twisted pair, using
matching resistors will be sufficient to isolate any subse-
quent capacitance. For other applications see the “Sug-
gested Rout vs. Cap Load” charts in the Typical Perfor-
mance Characteristics section.
POWER DISSIPATION
The LMH6550 is optimized for maximum speed and perfor-
mance in the small form factor of the standard SOIC pack-
age, and is essentially a dual channel amplifier. To ensure
maximum output drive and highest performance, thermal
shutdown is not provided. Therefore, it is of utmost impor-
tance to make sure that the T
JMAX is never exceeded due to
the overall power dissipation.
Follow these steps to determine the Maximum power dissi-
pation for the LMH6550:
1.
Calculate the quiescent (no-load) power: P
AMP =ICC*
(V
S), where VS =V
+ -V−. (Be sure to include any current
through the feedback network if V
OCM is not mid rail.)
2.
Calculate the RMS power dissipated in each of the
output stages: P
D (rms) = rms ((VS -V
+
OUT)*I
+
OUT)+
rms ((V
S −V
−
OUT)*I
−
OUT) , where VOUT and IOUT are
the voltage and the current measured at the output pins
of the differential amplifier as if they were single ended
amplifiers and V
S is the total supply voltage.
3.
Calculate the total RMS power: P
T =PAMP +PD.
The maximum power that the LMH6550 package can dissi-
pate at a given temperature can be derived with the following
equation:
P
MAX = (150˚ – TAMB)/
θ
JA, where TAMB = Ambient tempera-
ture (˚C) and
θ
JA = Thermal resistance, from junction to
ambient, for a given package (˚C/W). For the SOIC package
θ
JA is 150˚C/W.
NOTE: If V
CM is not 0V then there will be quiescent current
flowing in the feedback network. This current should be
included in the thermal calculations and added into the qui-
escent power dissipation of the amplifier.
ESD PROTECTION
The LMH6550 is protected against electrostatic discharge
(ESD) on all pins. The LMH6550 will survive 2000V Human
Body model and 200V Machine model events. Under normal
operation the ESD diodes have no effect on circuit perfor-
mance. There are occasions, however, when the ESD di-
odes will be evident. If the LMH6550 is driven by a large
signal while the device is powered down the ESD diodes will
conduct . The current that flows through the ESD diodes will
either exit the chip through the supply pins or will flow
through the device, hence it is possible to power up a chip
with a large signal applied to the input pins. Using the
shutdown mode is one way to conserve power and still
prevent unexpected operation.
BOARD LAYOUT
The LMH6550 is a very high performance amplifier. In order
to get maximum benefit from the differential circuit architec-
ture board layout and component selection is very critical.
The circuit board should have low a inductance ground plane
and well bypassed broad supply lines. External components
should be leadless surface mount types. The feedback net-
work and output matching resistors should be composed of
short traces and precision resistors (0.1%). The output
matching resistors should be placed within 3-4 mm of the
amplifier as should the supply bypass capacitors. The
LMH730154 evaluation board is an example of good layout
techniques. Evaluation boards are available free of charge
through the product folder on National’s web site.
The LMH6550 is sensitive to parasitic capacitances on the
amplifier inputs and to a lesser extent on the outputs as well.
Ground and power plane metal should be removed from
beneath the amplifier and from beneath R
F and RG.
With any differential signal path symmetry is very important.
Even small amounts of assymetery will contribute to distor-
tion and balance errors.
20130106
FIGURE 11. Transformer Out Low Impedance Load
20130103
FIGURE 12. Driving 50
Ω Test Equipment
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com