Electronic Components Datasheet Search
  English  ▼

X  

AS8C401800 Datasheet(PDF) 16 Page - Alliance Semiconductor Corporation

Part # AS8C401800
Description  Power down controlled by ZZ input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C401800 Datasheet(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS8C401800 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 17Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
6.42
16
AS8C403600, AS8C401800, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial Temperature Range
CLK
ADSP
GW,BWE,BWx
CE, CS1
CS0
ADDRESS
ADSC
DATAOUT
OE
Av
Aw
Ax
Ay
Az
(Av)
(Aw)
(Ax)
(Ay)
5279 drw 14
,
Non-Burst Read Cycle Timing Waveform
NOTES:
1. ZZ input is LOW,ADV is HIGH andLBO is Don't Care for this cycle.
2. (Ax) represents the data for address Ax, etc.
3. For read cycles,ADSP andADSCfunction identically and are therefore interchangable.
NOTES:
1. ZZ input is LOW, ADV and OE are HIGH, and LBO is Don't Care for this cycle.
2. (Ax) represents the data for address Ax, etc.
3. Although only GW writes are shown, the functionality of BWE and BWx together is the same as GW.
4. For write cycles, ADSP and ADSC have different limitations.
Non-Burst Write Cycle Timing Wa veform
CLK
ADSP
GW
CE, CS1
CS0
ADDRESS
ADSC
DATAIN
Av
Aw
Ax
Az
Ay
(Av)
(Aw)
(Ax)
(Az)
(Ay)
5279 drw 15
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com