Electronic Components Datasheet Search
  English  ▼

X  

AS8C401800 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS8C401800
Description  Power down controlled by ZZ input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C401800 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS8C401800 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C401800 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
6.42AS8
AS8C403600, AS8C401800, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Commercial Temperature Range
3
Functional Block Diagram
A0- A16/17
ADDRESS
REGISTER
CLR
A1*
A0*
17/18
2
17/18
A2–A17
128K x 36/
256K x 18-
BIT
MEMORY
ARRAY
INTERNAL
ADDRESS
A0,A1
BW4
BW3
BW2
BW1
Byte 1
Write Register
36/18
36/18
ADSP
ADV
CLK
ADSC
CS0
CS1
Byte 1
Write Driver
Byte 2
Write Driver
Byte 3
Write Driver
Byte 4
Write Driver
Byte 2
Write Register
Byte 3
Write Register
Byte 4
Write Register
9
9
9
9
GW
CE
BWE
LBO
I/O0 — I/O31
I/OP1 —I/OP4
OE
DATA INPUT
REGISTER
36/18
OUTPUT
BUFFER
OUTPUT
REGISTER
D
Q
DQ
Enable
Register
Enable
Delay
Register
OE
Burst
Sequence
CEN
CLK EN
CLK EN
Q1
Q0
2
Burst
Logic
Binary
Counter
5279 drw 01
ZZ
Powerdown
,
JTAG
(SA Version)
TMS
TDI
TCK
TRST
(Optional)
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com