Electronic Components Datasheet Search
  English  ▼

X  

AS8C803600 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS8C803600
Description  Power down controlled by ZZ input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C803600 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS8C803600 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6.42
5
IDT71V67603, IDT71V67803, 256K x 36, 512K x 18, 3.3V Synchronous SRAMS with
3.3V I/O, Pipelined Outputs, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Pin Configuration – 256K x 36, 100-Pin TQFP
NOTES:
1. Pin 14 can either be directly connected to VDD, or connected to an input voltage
≥ VIH, or left unconnected.
2. Pin 64 can be left unconnected and the device will always remain in active mode.
100 999897 9695 94939291 90
87868584838281
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDDQ
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDDQ
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDDQ
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDDQ
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDDQ
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDDQ
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDDQ
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDDQ
I/O1
I/O0
5301 drw 02
VDD /NC(1)
I/O15
I/OP3
NC
I/OP4
I/OP1
NC
I/OP2
ZZ(2)
,
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com