Electronic Components Datasheet Search
  English  ▼

X  

AS8C803600 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS8C803600
Description  Power down controlled by ZZ input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C803600 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS8C803600 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C803600 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2010
1
.
Features
◆
◆
◆
◆
◆ 256K x 36, 512K x 18 memory configurations
◆
◆
◆
◆
◆ Supports high system speed:
– 150MHz 3.8ns clock access time
◆
◆
◆
◆
◆
LBO input selects interleaved or linear burst mode
◆
◆
◆
◆
◆ Self-timed write cycle with global write control (
GW), byte
write enable (
BWE), and byte writes (BWx)
◆
◆
◆
◆
◆ 3.3V core power supply
◆
◆
◆
◆
◆ Power down controlled by ZZ input
◆
◆
◆
◆
◆ 3.3V I/O supply (VDDQ)
◆
◆
◆
◆
◆ Packaged in a JEDEC Standard 100-pin thin plastic quad
flatpack (TQFP)
Description
The AS8C803600/801800 are high-speed SRAMs organized as
256K X 36, 512K X 18
3.3V
SynchronousSRAMs
3.3V I/O, Burst Counte
r
Pipelined Output
s,SingleCycleDeselect
AS8C803600
AS8C801800
256K x 36 / 512K x 18. The SRAMs contain write,
data,
address and control registers. Internal logic allows the SRAM to
generate a self-timed write based upon a decision which can be left
until the end of the write cycle.
The burst mode feature offers the highest level of performance to the
system designer, as the AS8C803600/801800 can provide four cycles of
dataforasingleaddresspresentedtotheSRAM. Aninternalburstaddress
counter accepts the first cycle address from the processor, initiating the
access sequence. The first cycle of output data will be pipelined for one
cycle before it is available on the next rising clock edge. If burst mode
operationisselected(
ADV=LOW),thesubsequentthreecyclesofoutput
data will be available to the user on the next three rising clock edges. The
order of these three addresses are defined by the internal burst counter
and the LBO input pin.
The AS8C803600/801800 SRAMs utilize the latest high-performance
CMOSprocessandarepackagedinaJEDECstandard14mmx20mm100-
pin thin plastic quad flatpack (TQFP),
A0-A18
Address Inputs
Input
Synchronous
CE
Chip Enable
Input
Synchronous
CS0,
CS1
Chip Selects
Input
Synchronous
OE
Output Enable
Input
Asynchronous
GW
Global Write Enable
Input
Synchronous
BWE
Byte Write Enable
Input
Synchronous
BW1, BW2, BW3, BW4(1)
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV
Burst Address Advance
Input
Synchronous
ADSC
Address Status (Cache Controller)
Input
Synchronous
ADSP
Address Status (Processor)
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
DC
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
N/A
VSS
Ground
Supply
N/A
5310 tbl 01
Pin Description Summary
NOTE:
1.
BW3 and BW4 are not applicable for
other devices


Similar Part No. - AS8C803600

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS8C803601 ALSC-AS8C803601 Datasheet
2Mb / 21P
Three chip enables for simple depth expansion
More results

Similar Description - AS8C803600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD5242G-TR ROHM-BD5242G-TR Datasheet
400Kb / 16P
Delay time controlled by extemal capacitor
logo
TriQuint Semiconductor
TQM7M5013 TRIQUINT-TQM7M5013_15 Datasheet
241Kb / 1P
Quad-Band Input Power Controlled EDGE PAM
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD6326NUX ROHM-BD6326NUX Datasheet
1Mb / 25P
Speed controllable by PWM input signal
logo
Alliance Semiconductor ...
AS8C163631 ALSC-AS8C163631 Datasheet
8Mb / 22P
power down controlled by zz input
AS8C403600 ALSC-AS8C403600 Datasheet
2Mb / 17P
Power down controlled by ZZ input
AS8C403625 ALSC-AS8C403625 Datasheet
806Kb / 19P
Power down controlled by ZZ input
AS8C803625 ALSC-AS8C803625 Datasheet
5Mb / 22P
Power down controlled by ZZ input
logo
Qorvo, Inc
TQM7M5013 QORVO-TQM7M5013 Datasheet
118Kb / 1P
Quad-Band Input Power Controlled EDGE PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com