Electronic Components Datasheet Search
  English  ▼

X  

AS8C801801 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS8C801801
Description  Three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C801801 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS8C801801 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AS8C803601, AS8C801801, 256K x 36, 512K x 18, 3.3V Synchronous SRAMS with
ZBT™
™
™
™
™
Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial Temperatur e Range
1
1
Read Operation with Clock Enable Used(1)
Write Operation with Clock Enable Used(1)
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2. CE = L is defined as CE1 = L, CE2 = L and CE 2 = H. CE = H is defined as CE1 = H, CE2 = H or CE 2 = L.
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2. CE = L is defined as CE1 = L, CE2 = L and CE 2 = H. CE = H is defined as CE1 = H, CE2 = H or CE 2 = L.
CycleAddressR/W
ADV/LD
CE(2)
CEN
BW
x
OE
I/O
Comments
nA0
H
L
L
L
X
X
X
Address and Control meet setup
n+1
X
X
X
X
H
X
X
X
Clock n+1 I gnored
n+2
A1
H
L
L
L
XXX
Clock
V alid
n+3
X
X
X
X
H
X
L
Q0
Clock Ignored, Data Q0 is on the bus.
n+4
X
X
X
X
H
X
L
Q0
Clock Ignored, Data Q0 is on the bus.
n+5
A2
HL
L
L
X
L
Q0
Address A0 Read out (bus trans.)
n+6
A3
HL
L
L
X
L
Q1
Address A1 Read o ut (bus trans.)
n+7
A4
HL
L
L
X
L
Q2
Address A2 Read out (bus trans.)
CycleAddressR/W
ADV/LD
CE(2)
CEN
BW
x
OE
I/O
Comments
nA0
L
L
L
L
L
X
X
Address and Control meet setup.
n+1
X
X
X
X
H
X
X
X
Clock n+ 1 Ignored.
n+2
A1
L
L
L
L
L
X
X
Clock Valid.
n+3
X
X
X
X
H
X
X
X
Clock Ignored.
n+4
X
X
X
X
H
X
X
X
Clock Ignored.
n+5
A2
LL
L
L
L
X
D0
Write DataD0
n+6
A3
LL
L
L
L
X
D1
Write DataD1
n+7
A4
LL
L
L
L
X
D2
Write DataD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com