Electronic Components Datasheet Search
  English  ▼

X  

AS8C801801 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS8C801801
Description  Three chip enables for simple depth expansion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C801801 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS8C801801 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C801801 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SEPTEMBER 2010
DSC-5304/07
1
Pin Description Summary
Description
The AS8C803601/801801 are3.3V high-speed 9,437,184 bit
(9 Megabit) synchronous SRAMS. They are designed to eliminate dead bus
cycles when turning the bus around between reads and writes, or writes and
reads. Thus, they have been given the name ZBT
TM
, or Zero Bus Turnaround.
Features
◆
◆
◆
◆
◆
256K x 36, 512K x 18 memory configurations
◆
◆
◆
◆
◆
Supports high performance system speed - 150MHz
(3.8ns Clock-to-Data Access)
◆
◆
◆
◆
◆
ZBTTM Feature - No dead cycles between write and read cycles
◆
◆
◆
◆
◆
Internally synchronized output buffer enable eliminates the
need to control OE
◆
◆
◆
◆
◆
Single R/W (READ/WRITE) control pin
◆
◆
◆
◆
◆
Positive clock-edge triggered address, data, and control
signal registers for fully pipelined applications
◆
◆
◆
◆
◆
4-word burst capability (interleaved or linear)
◆
◆
◆
◆
◆
Individual byte write (BW1 - BW4) control (May tie active)
◆
◆
◆
◆
◆
Three chip enables for simple depth expansion
◆
◆
◆
◆
◆
3.3V power supply (±5%)
◆
◆
◆
◆
◆
3.3V I/O Supply (V DDQ)
◆
◆
◆
◆
◆
Power down controlled by ZZ input
◆
◆
◆
◆
◆
Packaged in a JEDEC standard 100-pin plastic thin quad
flatpack (TQFP).
A0-A18
Address Inputs
Input
Synchronous
CE1
, CE2, CE2
Chip Enables
Input
Synchronous
OE
Output Enable
Input
Asynchronous
R/W
Read/Write S ignal
Input
Synchronous
CEN
Clock Enable
Input
Synchronous
BW1
, BW2, BW3, BW4
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV/LD
Advance burst address / Load new address
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
Static
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core P ower, I/O Power
Supply
Static
VSS
Ground
Supply
Static
5304 tbl 01
256K x 36, 512K x 18
3.3V Synchronous ZBT™ SRAMs
ZBT™ Feature
3.3V I/O, Burst Counter
Pipelined Outputs
AS8C803601
AS8C801801
Address and control signals are applied to the SRAM during one clock
cycle, andtwo cycles later theassociated data cycle occurs, be it read or write.
TheAS8C803601/801801 contain data I/O, address and control signal
registers. Output enable is the only asynchronoussignal and can be
used to disable the outputsat any given time.
A Clock Enable(CEN) pin allows operation of the toAS8C803601/ 801801
be suspended aslong as necessary. All synchronousinputs are ignored when
(CEN)is high and the internal device registers will hold their previous values.
There are three chip enable pins (CE1, CE2,CE2) that allow the user
to deselect the device when desired. If anyone of these threeare not asserted
when ADV/LD is low, no new memoryoperation can be initiated. However,
any pending data transfers (reads or writes) will be completed. The data bus
will tri-state two cycles after chip is deselected or a write is initiated.
TheAS8C803601/801801 have an on-chip burst counter. In the burst
mode,the AS8C803601/801801 can provide fourcycles of data for a single
address presented to the SRAM. The order of the burst sequence is
defined by the LBO input pin. The LBO pin selects between linear and
interleaved burst sequence. The ADV/LD signal is used to load a new
external address (ADV/LD = LOW) or increment the internal burst counter
(ADV/LD = HIGH).
The AS8C803601/801801 SRAM utilize IDT's latest high-performance
CMOS process, andare packaged ina JEDEC Standard 14mm x 20mm 100-
pin thin plasticquad flatpack (TQFP) .


Similar Part No. - AS8C801801

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS8C801800 ALSC-AS8C801800 Datasheet
8Mb / 18P
Power down controlled by ZZ input
More results

Similar Description - AS8C801801

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
logo
Tripp Lite. All Rights ...
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
42U SmartRack Mid-Depth Expansion Rack - side panels not included
logo
Alliance Semiconductor ...
AS8C403601 ALSC-AS8C403601 Datasheet
7Mb / 21P
three chip enables for simple depth expansion
AS8C803625A ALSC-AS8C803625A Datasheet
6Mb / 25P
Three chip enables for simple depth expansion
logo
NEC
UPD2101AL NEC-UPD2101AL Datasheet
247Kb / 5P
simple memory expansion-chip enable input
UPD2102AL NEC-UPD2102AL Datasheet
200Kb / 4P
simple memory expansion-chip enable input
logo
Pentair plc. All rights...
460TC PENTAIR-460TC Datasheet
257Kb / 2P
THREE SIMPLE SETTINGS FOR TIME CLOCK CONTROL
logo
Maxic Technology Corpor...
MT7623 MAXIC-MT7623 Datasheet
127Kb / 1P
LED Current Expansion Chip
logo
Coolgear Inc.
CG-PCIEC-DVICEB COOLGEAR-CG-PCIEC-DVICEB Datasheet
523Kb / 2P
3FT DVI Like Expansion Cable for Expansion Box
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com