Electronic Components Datasheet Search
  English  ▼

X  

AS3935 Datasheet(PDF) 12 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 12 Page - ams AG

Back Button AS3935 Datasheet HTML 8Page - ams AG AS3935 Datasheet HTML 9Page - ams AG AS3935 Datasheet HTML 10Page - ams AG AS3935 Datasheet HTML 11Page - ams AG AS3935 Datasheet HTML 12Page - ams AG AS3935 Datasheet HTML 13Page - ams AG AS3935 Datasheet HTML 14Page - ams AG AS3935 Datasheet HTML 15Page - ams AG AS3935 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
11 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.1 Circuit
Figure 1 shows a block diagram of the AS3935. The external antenna is directly connected to the Analog Front-end (AFE), which amplifies and
demodulates the received signal. The watchdog continuously monitors the output of the AFE and alerts the integrated lightning algorithm block in
the event of an incoming signal. The lightning algorithm block validates the signal by checking the incoming signal pattern, calculates the energy
and then the AS3935 provides the MCU with an estimate of the distance to the head of the storm. The lightning algorithm block, processing the
demodulated signal, can distinguish between lightning signal and man-made disturbers. If the received signal is classified as a man-made
disturber, then the event is rejected and the system automatically goes back into listening mode to minimize current consumption. If the incoming
signal identifies a lightning event, then the statistical distance estimation block performs an estimation of the distance to the head of the storm
(Typical time needed 2ms).
The LC oscillator together with the calibration block can calibrate both the TRCO and the SRCO clock generator to compensate process
variations.
8.2 Operating Modes
Power-down Mode.
In Power-down Mode, the entire AS3935 is switched off to reduce the current consumption to minimum (typ 1µA).
Listening Mode.
In listening mode the AFE, the watchdog, the noise floor level generation, the bias block, the TRCO, and the voltage regulator (in case it is
enabled) are running. In this mode the system can push down the power consumption to a minimum (typ 60µA). In case the maximum voltage
supply does not exceed 3.6V, it is possible to switch off the voltage regulator to save power.
Signal Verification.
The AS3935 enters in this mode every time the watchdog detects dynamic activity picked up by the antenna. Threshold can be set in WDTH
REG0x01[3:0]. The IC will leave this mode either if the incoming signal is classified as disturber or if the analysis of the single event (lightning) is
finished. If the received signal is classified as a disturber, then the AS3935 will automatically go back to listening mode without any needed
action from outside and an interrupt will be generated (with option bit this interrupt can be masked). If the received pattern matches all
requirements, the energy calculation is performed and the AS3935 provides distance estimation.
8.3 System and Block Specification
8.3.1 Register Table
Table 8. Register Table
Register #
7
6
5
4
3
2
1
0
0x00
Reserved
AFE_GB
PWD
0x01
Reserved
NF_LEV
WDTH
0x02
Reserved
CL_STAT
MIN_NUM_LIGH
SREJ
0x03
LCO_FDIV
MASK_DIST
Reserved
INT
0x04
S_LIG_L
0x05
S_LIG_M
0x06
Reserved
S_LIG_MM
0x07
Reserved
DISTANCE
0x08
DISP_LCO
DISP_SRCO
DISP_TRCO
Reserved
TUN_CAP
0x09
Lightning Detection Look-up Table
...
...
...
...
0x32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com