Electronic Components Datasheet Search
  English  ▼

X  

AS3935 Datasheet(PDF) 15 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 15 Page - ams AG

Back Button AS3935 Datasheet HTML 11Page - ams AG AS3935 Datasheet HTML 12Page - ams AG AS3935 Datasheet HTML 13Page - ams AG AS3935 Datasheet HTML 14Page - ams AG AS3935 Datasheet HTML 15Page - ams AG AS3935 Datasheet HTML 16Page - ams AG AS3935 Datasheet HTML 17Page - ams AG AS3935 Datasheet HTML 18Page - ams AG AS3935 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
14 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.4 Serial Peripheral Interface (SPI)
This 4-wire standard SPI interface (Mode 1) can be used by the Microcontroller (µC) to program the AS3935. To enable the SPI as data
interface, the Select Interface (SI) has to be set to low (GND).
The maximum clock operation frequency of the SPI is 2MHz.
Note: The clock operation frequency of the SPI should NOT be identical to the resonance frequency of the antenna (500kHz), in order to
minimize the on board 500kHz noise.
Note: MISO is set to tristate if CS is high. In this way more than one device can communicate on the same MISO bus.
8.4.1 SPI Command Structure
To activate this SPI, the CS has to be set to low. A SPI command consists of two bytes serial command and the data are sampled on the falling
edge of SCLK (CPHA=1). The next table shows command structure, from the MSB (B15) to LSB (B0). The command stream has to be sent to
the SPI from the MSB (B15) to the LSB (B0).
The first two bits (B15 and B14) define the operating mode. There are two modes available – Read and Write/Direct command.
In case a write or read command happens, then the next 5 bits (B13 to B9) define the register address, which has to be written respectively read,
as shown in the table below. The direct command is performed with a write operation (see Send Direct Command Byte on page 16).
Table 10. Serial Data Interface (SDI) Pins
Name
Signal
Signal Level
Description
CS
Digital Input
CMOS
Chip Select (Active Low)
MOSI
Digital Input
CMOS
Serial data input from the external unit to the AS3935
MISO
Digital Output
CMOS
Serial data output from the AS3935 to the external unit
SCLK
Digital Input
CMOS
Clock for serial data read and write
MODE
Register Address / Direct Command
Register Data
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Table 11. Bits B15, B14
B15
B14
Mode
0
0
WRITE / DIRECT COMMAND
0
1
READ
Table 12. Bits B13 to B9
B13
B12
B11
B10
B9
B8
Read / Write Register
0
0
0
0
0
0
0x00
0
0
0
0
0
1
0x01
0
0
0
0
1
0
0x02
0
0
0
0
1
1
0x03
0
0
0
1
0
0
0x04
0
0
0
1
0
1
0x05
0
0
0
1
1
0
0x06
0
0
0
1
1
1
0x07
……
…
…
…
…
…
……
…
…
…
…
…
1
1
0
0
0
1
0x31
1
1
0
0
1
0
0x32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com