Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5502
Description  400MHz Quadrature IF Demodulator with RSSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 1 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5502
1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications
s
IEEE802.11
s
High Speed Wireless LAN
s
Wireless Local Loop
s
Single 1.8V to 5.25V Supply
s
IF Frequency Range: 70MHz to 400MHz
s
84dB Limiting IF Gain
s
90dB Linear RSSI Range
s
7.7MHz Lowpass Output Filter
s
Baseband I/Q Amplitude Imbalance: <0.7dB
s
4dB Noise Figure
s
Low Supply Current: 25mA
s
Outputs Biased Up While in Standby
s
Shutdown Current: 1
µA
s
24-Lead Narrow SSOP Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
400MHz Quadrature
IF Demodulator with RSSI
January 2001
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®5502 is a 70MHz to 400MHz monolithic integrated
quadrature IF demodulator. It consists of an IF limiter,
quadrature down mixers, integrated lowpass filters, and
divide-by-two LO buffers. The demodulator provides all
building blocks for demodulation of I and Q baseband
signals with a single supply voltage of 1.8V to 5.25V. The
IF limiter has 84dB small-signal gain, and a built-in receive
signal strength indicator (RSSI) with over 90dB linear
range. The input referred noise-spectral-density is
1.45nV/
√Hz, which is equivalent to a 4dB noise figure
when the input is terminated with a 50
Ω source. The
integrated lowpass output filters act as antialiasing and
pulse-shaping filters for demodulated I/Q-baseband sig-
nals. The 3dB cutoff frequency of the filters is about
7.7MHz. The VCO frequency is required to be twice the
desired operating frequency to provide quadrature local
oscillator (LO) signals to the mixers. The standby mode
provides fast transient response to the receive mode with
reduced supply current when the I/Q outputs are
AC-coupled to a baseband chip.
I/Q Output Swing, RSSI Output vs IF Input Power
IF INPUT POWER (dBm)
–85
1200
1000
800
600
400
200
1.2
1.0
0.8
0.6
0.4
0.2
–70
–55
–40
–25
5502 TA01b
–10
5
2XLO+
2XLO–
IF+
IF–
EN
VCC
IOUT
+
IOUT
–
QOUT
+
QOUT
–
90
°
0
°
GND
2V
C2
1
µF
C1
1nF
C4
1.8pF
RSSI
ENABLE
2XLO
INPUT
IF
INPUT
R1
240
Ω
C3
22nF
BASEBAND
DIFFERENTIAL
I/Q OUTPUTS
5502 TA01a
÷2
LT5502


Similar Part No. - LT5502

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
LT5502 LINER-LT5502 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
logo
Analog Devices
LT5502 AD-LT5502 Datasheet
165Kb / 6P
Demo board DC333A Quick Start Guide.
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
More results

Similar Description - LT5502

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510 Datasheet
126Kb / 12P
Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
19-1296; Rev 1; 1/98
logo
Intersil Corporation
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com