Electronic Components Datasheet Search
  English  ▼

X  

LT5502 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5502
Description  400MHz Quadrature IF Demodulator with RSSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 4 Page - Linear Technology

  LT5502 Datasheet HTML 1Page - Linear Technology LT5502 Datasheet HTML 2Page - Linear Technology LT5502 Datasheet HTML 3Page - Linear Technology LT5502 Datasheet HTML 4Page - Linear Technology LT5502 Datasheet HTML 5Page - Linear Technology LT5502 Datasheet HTML 6Page - Linear Technology LT5502 Datasheet HTML 7Page - Linear Technology LT5502 Datasheet HTML 8Page - Linear Technology LT5502 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT5502
4
RSSI Output Voltage vs VCC
IF Input Sensitivity
vs Temperature
IF Input Sensitivity vs IF Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
LPF Frequency Response
vs Baseband Frequency
LPF Group Delay
vs Baseband Frequency
LPF Frequency Response vs VCC
(Note 3)
IF INPUT POWER (dBm)
–85
5
5502 G07
–70
–55
–40
–25
–10
1.2
1.0
0.8
0.6
0.4
0.2
fIF = 280MHz
TA = 25°C
VCC = 3V
VCC = 5.5V
VCC = 1.8V
SUPPLY VOLTAGE (V)
1.8
5.5
5502 G08
2.5
3.5
4.5
–73
–75
–77
–79
–81
–83
TA = –40°C
TA = 25°C
TA = 85°C
fIF = 280MHz
IF FREQUENCY (MHz)
70
–79
–76
5502 G09
–82
–85
150
200
250
300
350
400
100
–73
TA = –40°C
TA = 25°C
VCC = 3V
TA = 85°C
BASEBAND FREQUENCY (MHz)
0
12
20
5502 G10
48
16
5
0
–5
–10
–15
–20
–25
–30
–35
VCC = 3V
TA = 85°C
TA = –40°C
TA = 25°C
BASEBAND FREQUENCY (MHz)
0
110
95
80
65
50
35
20
4
8
12
16
5502 G11
20
VCC = 3V
TA = 85°C
TA = –40°C
TA = 25°C
BASEBAND FREQUENCY (MHz)
0
12
20
5502 G12
48
16
5
0
–5
–10
–15
–20
–25
–30
–35
110
90
70
50
30
VCC = 1.8V, 3V, 5.5V
TA = 25°C
I/Q Output Swing vs IF Input Power
RSSI Output vs Temperature
RSSI Output Voltage vs IF Frequency
IF INPUT POWER (dBm)
–85
5
5502 G04
–70
–55
–40
–25
–10
1200
1000
800
600
400
200
fIF = 70MHz
fIF = 280MHz
fIF = 400MHz
VCC = 3V
TA = 25°C
IF INPUT POWER (dBm)
–85
5
5502 G05
–70
–55
–40
–25
–10
1.2
1.0
0.8
0.6
0.4
0.2
TA = –40°C
TA = 85°C
VCC = 3V
fIF = 280MHz
TA = 25°C
IF INPUT POWER (dBm)
–85
5
5502 G06
–70
–55
–40
–25
–10
1.2
1.0
0.8
0.6
0.4
0.2
fIF = 70MHz
fIF = 280MHz
VCC = 3V
TA = 25°C
fIF = 400MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com