Electronic Components Datasheet Search
  English  ▼

X  

OA4NP Datasheet(PDF) 17 Page - STMicroelectronics

Part # OA4NP
Description  Rail-to-rail input and output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OA4NP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button OA4NP Datasheet HTML 13Page - STMicroelectronics OA4NP Datasheet HTML 14Page - STMicroelectronics OA4NP Datasheet HTML 15Page - STMicroelectronics OA4NP Datasheet HTML 16Page - STMicroelectronics OA4NP Datasheet HTML 17Page - STMicroelectronics OA4NP Datasheet HTML 18Page - STMicroelectronics OA4NP Datasheet HTML 19Page - STMicroelectronics OA4NP Datasheet HTML 20Page - STMicroelectronics OA4NP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID025993 Rev 2
17/31
OA1NP, OA2NP, OA4NP
Application information
31
4
Application information
4.1
Operating voltages
The OA1NP, OA2NP and OA4NP series of low power op amp can operate from 1.5 V to
5.5 V. Their parameters are fully specified at 1.8 V, 3.3 V, and 5 V supply voltages and are
very stable in the full VCC range. Additionally, main specifications are guaranteed on the
industrial temperature range from -40 to +85 ° C.
4.2
Rail-to-rail input
The OA1NP, OA2NP and OA4NP series is built with two complementary PMOS and NMOS
input differential pairs. Thus, these devices have a rail-to-rail input, and the input common
mode range is extended from VCC- - 0.1 V to VCC+ + 0.1 V.
The devices have been designed to prevent phase reversal behavior.
4.3
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as the offset
variation related to the offset value measured at 25 °C. The operational amplifier is one of
the main circuits of the signal conditioning chain, and the amplifier input offset is a major
contributor to the chain accuracy. The signal chain accuracy at 25 °C can be compensated
during production at application level. The maximum input voltage drift over temperature
enables the system designer to anticipate the effects of temperature variations.
The maximum input voltage drift over temperature is computed in Equation 1.
Equation 1
with T = -40 °C and 85 °C.
The datasheet maximum value is guaranteed by measurements on a representative sample
size ensuring a Cpk (process capability index) greater than 2.
V
io
T
------------
max
V
io T
 V
io 25C

–
T25
C
–
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com